Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 79 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 75Page - STMicroelectronics VG6640 Datasheet HTML 76Page - STMicroelectronics VG6640 Datasheet HTML 77Page - STMicroelectronics VG6640 Datasheet HTML 78Page - STMicroelectronics VG6640 Datasheet HTML 79Page - STMicroelectronics VG6640 Datasheet HTML 80Page - STMicroelectronics VG6640 Datasheet HTML 81Page - STMicroelectronics VG6640 Datasheet HTML 82Page - STMicroelectronics VG6640 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
DocID023597 Rev 11
79/126
VG6640, VD6640
Video system
125
7.3
Exposure and gain control
The image sensor does not contain any form of automatic exposure control. To produce a
correctly exposed image the integration periods, analog gain and digital gain for the pixels
must be calculated by an exposure control algorithm implemented externally. The
parameters are then written to the image sensor using the control interface.
The exposure control parameters available on the image sensor are:
long integration time
medium integration time
short integration time
analog gain
digital gain
7.3.1
Coarse integration time
The integration time is the amount of time between a row of pixels being reset and when this
row is read. The longer the time then the more light that is captured.This sensor supports
only Coarse Integration in which the Integration period is measured in integer line times
which is derived from the pixel clock.
The sensor provides HDR output by integrating each pixel three times per frame and then
merging the data. These exposures comprise a long, medium and short integration time. At
the end of the long integration time, the long information is read in a given row, then stored
in memory. The read out pixel row is reset, then the medium integration time starts in that
row. After the end of the medium integration time, the medium information is read and then
also stored in memory. The read out pixel row is then reset again, the short integration time
then starts. Finally, the short information is read out of the pixel array. The three data values
are then digitally merged within the sensor to give a single output frame.
Figure 23 shows an example of applying a long integration of 600 lines, followed by a
medium integration of 96 lines, then a short integration of 13 lines. This diagram shows the
point at which pixels are reset, before starting integration, the integration period, then read
out. There is a latency between integration starting for the long exposure and the data being
output by the device. This latency is dependent on the integration times, fixed offsets and
the delay through ISP processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com