Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 27Page - STMicroelectronics VG6640 Datasheet HTML 28Page - STMicroelectronics VG6640 Datasheet HTML 29Page - STMicroelectronics VG6640 Datasheet HTML 30Page - STMicroelectronics VG6640 Datasheet HTML 31Page - STMicroelectronics VG6640 Datasheet HTML 32Page - STMicroelectronics VG6640 Datasheet HTML 33Page - STMicroelectronics VG6640 Datasheet HTML 34Page - STMicroelectronics VG6640 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 126 page
background image
DocID023597 Rev 11
31/126
VG6640, VD6640
Control interface
125
4.1.2
Valid register data types
The contents of the registers can represent a number of different data types (see Table 5).
The register map uses this coding to help with the interpretation of the contents of each
register.
Table 5. Valid register data types
Data
type
Name
Range
Description
8UI
8-bit unsigned integer
0 to 255
-
8SI
8-bit signed integer
-128 to 127
Two’s complement notation
16UI
16-bit unsigned integer 0 to 65535
-
16SI
16-bit signed integer
-32768 to 32767
Two’s complement notation
16UR
16-bit unsigned iReal
0 to
255.99609375
08.08 fixed point number. 8 integer bits (MS
Byte), 8 fractional bits (LS Byte)
16SR
16-bit signed iReal
-128 to
127.9960375
Two’s complement notation, 8 fractional bits
32UR
32-bit unsigned iReal
0 to
65535.99998474
16.16 fixed point number. 16 integer bits
(MS 2 Bytes), 16 fractional bits (LS 2 Bytes)
32SR
32-bit signed iReal
-32768 to
32767.99998474
Two’s complement notation,16 fractional
bits
32SF
32-bit IEEE floating-
point number
As per IEEE 754
As per IEEE 754. 1 sign bit, 8 exponent
bits, 23 fractional bits
8C or
16C
8-bit or 16-bit Coded
-
This indicates that the value is decoded to
select one of several functions or modes.
8B or
16B
8 or 16 bits
-
Each bit represents a specific function or
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com