Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 98 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 94Page - STMicroelectronics VG6640 Datasheet HTML 95Page - STMicroelectronics VG6640 Datasheet HTML 96Page - STMicroelectronics VG6640 Datasheet HTML 97Page - STMicroelectronics VG6640 Datasheet HTML 98Page - STMicroelectronics VG6640 Datasheet HTML 99Page - STMicroelectronics VG6640 Datasheet HTML 100Page - STMicroelectronics VG6640 Datasheet HTML 101Page - STMicroelectronics VG6640 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
Electro-optical characteristics
VG6640, VD6640
98/126
DocID023597 Rev 11
10.2
Quantum efficiency
Below is the typical spectral response of the packaged VG6640.
Figure 31. QE response data
0. 00%
10 . 0 0 %
20 . 0 0 %
30 . 0 0 %
40 . 0 0 %
50 . 0 0 %
60 . 0 0 %
70 . 0 0 %
80 . 0 0 %
35 0
4 5 0
55 0
6 5 0
75 0
8 5 0
95 0
V G 6 640  ‐ Ba y e r  ‐ Qu a n t u m   Ef f i ci e n ci e s
QE   RR
QE   GR
QE   GG
0. 00%
10 . 0 0 %
20 . 0 0 %
30 . 0 0 %
40 . 0 0 %
50 . 0 0 %
60 . 0 0 %
70 . 0 0 %
80 . 0 0 %
35 0
4 5 0
55 0
6 5 0
75 0
8 5 0
95 0
V G 86 40  ‐ R CCC  ‐ Qu a n t u m   E f f i ci e n ci e s
QE   RR
QE   CC
QE   CC
QE   CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com