Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 20Page - STMicroelectronics VG6640 Datasheet HTML 21Page - STMicroelectronics VG6640 Datasheet HTML 22Page - STMicroelectronics VG6640 Datasheet HTML 23Page - STMicroelectronics VG6640 Datasheet HTML 24Page - STMicroelectronics VG6640 Datasheet HTML 25Page - STMicroelectronics VG6640 Datasheet HTML 26Page - STMicroelectronics VG6640 Datasheet HTML 27Page - STMicroelectronics VG6640 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
Functional description
VG6640, VD6640
24/126
DocID023597 Rev 11
3.2.2
Statistics gathering
The statistics gathering block collects and collates pixel values for use by exposure and
white balance algorithms. The average pixel value and variance are generated for up to
48 zones (across the full field of view).
Histogram data can be collected over a maximum of four regions of interest (ROIs), and
over any or all of the color planes. Each histogram has a resolution of 64 bins, each bin is
16-bits.
3.2.3
Pattern generator
The pattern generator block generates a test pattern that can be used to test the entire HDR
video pipe. The following patterns are available:
color bars (plain and fade to 50%)
grayscale (horizontal, vertical and diagonal)
solid colors
test cursors with programmable positions
pseudo-random data
HDR ramp
3.2.4
HDR rescaling
The HDR rescaling algorithm merges the three exposures for each pixel. Exposure
correction factors are calculated and applied to compensate for non-linearities. The merge
algorithm options ensure that true colors are preserved and flicker and ghost artifacts are
minimized.
3.2.5
Piecewise linear (PWL) compression
The PWL block contains a logarithmic type compression algorithm to reduce the data bit-
depth transmitted and avoid excessive bandwidth requirements. The PWL compression
algorithm is loss-less in the sense that any losses in image quality are below the noise floor
of the image. This is implemented using a 32 point curve resulting in an improved SNR
performance, reduced quantization noise and a more natural image.
3.2.6
Status and trailer lines
The status and trailer lines include frame-by-frame metadata such as:
product identification
configuration status
image statistics including histograms
frame counter
The data in the status and data lines is encoded using the SMIA embedded line tagging
mechanism. This mechanism allows the data to be decoded in a generic way. For example,
data tags allow both the I2C index and the value of each register included in the status and
trailer lines to be decoded.
Refer to SMIA 1.0 Part 1: Functional Specification, section 4.9 Embedded Data Line
Formats for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com