Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 33Page - STMicroelectronics VG6640 Datasheet HTML 34Page - STMicroelectronics VG6640 Datasheet HTML 35Page - STMicroelectronics VG6640 Datasheet HTML 36Page - STMicroelectronics VG6640 Datasheet HTML 37Page - STMicroelectronics VG6640 Datasheet HTML 38Page - STMicroelectronics VG6640 Datasheet HTML 39Page - STMicroelectronics VG6640 Datasheet HTML 40Page - STMicroelectronics VG6640 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
DocID023597 Rev 11
37/126
VG6640, VD6640
Control interface
125
0x0218 HI
Coarse_Integration_Time
_Short_Status
16UI
0x00
DNW
Coarse integration time for the short
pipe in lines.
Min = 0 lines
Max = 13 lines
0x0219 LO
0x00
0x021B
PixelGain_Status
8UI
0x01
DNW
Pixel gain
0x01 = High gain
0x04 = Low gain
0x021C
Gop_Counter_Max
8UI
0x00
R/W
The max value that the GOP counter
is allowed to count up to
This register is consumed at the start
of stream
0x021D
Gop_Counter_Status
8UI
0x00
DNW
Status of GOP counter
0x0226 HI
TokenId_Status
16UI
0x00
DNW
Token ID
0x0227 LO
0x00
0x0228 HI
NextTokenId_Status
16UI
0x00
DNW
Next token ID
0x0229 LO
0x00
Table 9. Integration and gain status registers [0x0200 to 0x0229] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com