Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 95 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 91Page - STMicroelectronics VG6640 Datasheet HTML 92Page - STMicroelectronics VG6640 Datasheet HTML 93Page - STMicroelectronics VG6640 Datasheet HTML 94Page - STMicroelectronics VG6640 Datasheet HTML 95Page - STMicroelectronics VG6640 Datasheet HTML 96Page - STMicroelectronics VG6640 Datasheet HTML 97Page - STMicroelectronics VG6640 Datasheet HTML 98Page - STMicroelectronics VG6640 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 126 page
background image
DocID023597 Rev 11
95/126
VG6640, VD6640
Electrical characteristics
125
9.11
Parallel (ITU) interface
Table 57. Parallel interface - signal characteristics
Symbol
C
Parameter
Conditions
Minimum
Typical
Maximum Unit
VOL
C
Output low level
-IOL = 4 mA
0.15
V
VOH
C
Output high level
IOH = 4 mA
1.65
V
Table 58. Parallel interface - timing characteristics
Symbol
C
Parameter
Conditions
Minimum Typical Maximum Unit
fPIXCLK
T
PIXCLK frequency
Load
capacitanc
e CL =
15pF
66.5
MHz
DPIXCLK
T
PIXCLK duty cycle
43
50
58
%
tRCLK
T
PIXCLK rise time
(20 - 80%)
1.3
2.0
ns
tFCLK
T
PIXCLK fall time
(80 - 20%)
1.2
1.7
ns
tRDATA
T
DOUT[11:0], VSYNC,
HSYNC rising
(20 - 80%)
Normal
drive(1)
23.1
ns
T
Low drive
2.5
3.8
ns
tFDATA
T
DOUT[11:0], VSYNC,
HSYNC falling
(80 - 20%)
Normal drive
2
3.1
ns
T
Low drive
2.5
3.6
tRDV
T
PIX-CLK rising (50%) to
output data valid
(20% or 80%)
Normal drive
1.4
4.6
9.0
ns
Low drive
2.1
6.3
11.5
1. Normal drive and low drive modes are selected by writing to register ParOutIF_Drive (0x24A2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com