Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 89 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 85Page - STMicroelectronics VG6640 Datasheet HTML 86Page - STMicroelectronics VG6640 Datasheet HTML 87Page - STMicroelectronics VG6640 Datasheet HTML 88Page - STMicroelectronics VG6640 Datasheet HTML 89Page - STMicroelectronics VG6640 Datasheet HTML 90Page - STMicroelectronics VG6640 Datasheet HTML 91Page - STMicroelectronics VG6640 Datasheet HTML 92Page - STMicroelectronics VG6640 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
DocID023597 Rev 11
89/126
VG6640, VD6640
Electrical characteristics
125
9.4
Average current consumption
Table 42. Typical current consumption in reset and standby
Conditions(1)
1. VDIG=1.8V, 12MHz external clock, tested at 25C junction temperature
Reset
Reset
Standby(2)
2. In the case when the CSI-2 interface is used and the sensor has returned to STANDBY, after having
previously been in STREAMING state, then VANA current will be higher than stated here as it is used to
maintain the LP11 CSI-2 bus state.
Standby(2)
C
CC
CC
VCORE source
Internal
External
Internal
External
VCORE
3.5 mA
5 µA
NA
4.1 mA
VDIG
5 uA
5 uA
5 mA
0 mA
VANA
5 uA
5 uA
0.3 mA
0.3 mA
Table 43. Typical current consumption while streaming
Mode 1
Mode 2
Mode 3
Mode 4
Mode5
Conditions(1)
1. Mode 1 VDIG = 2.8 V, 12 MHz external clock, tested at 25 °C junction temperature
Modes 2, 3, 4, and 5 VDIG = 1.8 V, 12 MHz external clock, tested at 25 °C junction temperature
Worst case
Standard
Low power
Night mode
Very low
power
C
CCCCC
Resolution
1304x980
1280x960
1280x960
1280x960
1280x720
Frame rate (fps)
45
45
30
15 (by frame
extension)
15
Pixel Clk (MHz)
66
66
44
44
16.5
Output interface
ITU Parallel
DL-CSI2
DL-CSI2
DL-CSI2
DL-CSI2
Scene
n.a.
n.a.
Test Chart
Dark image
Dark image
Image source
PN28 Random
HDR Test
Pattern
HDR Test
Pattern
Long12 Image Long12 Image
VCORE source
Internal
Internal
External
External
External
VCORE (mA)
NA
NA
75
75
40
VDIG (mA)
180
120
4
4
4
VANA (mA)
100
110
100
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com