Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 87 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 83Page - STMicroelectronics VG6640 Datasheet HTML 84Page - STMicroelectronics VG6640 Datasheet HTML 85Page - STMicroelectronics VG6640 Datasheet HTML 86Page - STMicroelectronics VG6640 Datasheet HTML 87Page - STMicroelectronics VG6640 Datasheet HTML 88Page - STMicroelectronics VG6640 Datasheet HTML 89Page - STMicroelectronics VG6640 Datasheet HTML 90Page - STMicroelectronics VG6640 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 126 page
background image
DocID023597 Rev 11
87/126
VG6640, VD6640
Electrical characteristics
125
9
Electrical characteristics
9.1
Parameter classification
The electrical parameters shown in this datasheet are guaranteed by various methods. To
give the customer a better understanding, the classifications listed Table 39 are used and
the parameters are tagged accordingly in the tables.
Note: The classification is shown in the column labeled “C” in the parameter tables.
9.2
Absolute maximum ratings
Table 39. Parameter classification
Classification (C) Tag description
PA
These parameters are guaranteed during production testing on individual
devices - automotive grade order codes only.
P
These parameters are guaranteed during production testing on individual
devices - all order codes.
C
These parameters are achieved by the design characterization by measuring a
statistically relevant sample size across process variations.
T
These parameters are achieved by design characterization on a small sample
size from typical devices under typical conditions unless otherwise noted.
D
These parameters are derived mainly from simulations.
Table 40. Absolute maximum ratings
Symbol
C
Parameter
Minimum
Maximum.
Unit
VCORE
D
Digital core power supply
-0.3
1.32
V
VDIG
D
Digital I/O power supply
-0.3
3.3
V
VANA
D
Analog power supply
-0.3
3.2
V
VIP
D
Digital input voltage(1)
1. Digital input: EXTCLK_XTAL1, EXTCLK_EN, XSHUTDOWN, RESET_N, FSYNC_IN, GPIO, SCL, SDA.
-0.3
3.3
V
TSTO
D
Storage temperature
-40
+125(2)
2. This is a maximum long term standard storage temperature, see soldering profile for short term high
temperature tolerance.
oC
VESD
D
Electrostatic discharge model(3)
Human body model (HBM)
Charge device model (CDM)
Machine model (MM)
3. ESD tests are performed in compliance with AEC-Q100ESD Grade 2.
-2.0
-500
-100
2.0
500
100
kV
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com