Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 91 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 87Page - STMicroelectronics VG6640 Datasheet HTML 88Page - STMicroelectronics VG6640 Datasheet HTML 89Page - STMicroelectronics VG6640 Datasheet HTML 90Page - STMicroelectronics VG6640 Datasheet HTML 91Page - STMicroelectronics VG6640 Datasheet HTML 92Page - STMicroelectronics VG6640 Datasheet HTML 93Page - STMicroelectronics VG6640 Datasheet HTML 94Page - STMicroelectronics VG6640 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
DocID023597 Rev 11
91/126
VG6640, VD6640
Electrical characteristics
125
9.6
Reset input
The RESET input signal has the following characteristics.
9.7
Digital inputs
The digital input signals include XSHUTDOWN, RESET_N, EXTCLK_EN, FSYNC_IN,
GPIO, JTAG_TMS, JTAG_TCK, JTAG_TDI
9.8
Digital outputs
The digital output signals include FSYNC_OUT, ECC_OUT, JTAG_TDO and GPIO
Table 48. RESET input - timing characteristics
Symbol
C
Parameter
Minimum
Maximu
m
Unit
tRL
C
RESET low time (EXTCLK_XTAL1 clock
periods)
4
clock
periods
Table 49. Digital input - signal characteristics
Symbol
C
Parameter
Minimum
Maximum
Unit
VIL
C
Low level input voltage
-0.5
0.5
V
VIH
C
High level input voltage
1.3
2.3
V
IIL
P
Input leakage current(1)
1. For VGND ≤VI ≤VDIG
10
µA
Table 50. Digital output - signal characteristics
Symbol
C
Parameter
Conditions
Min
Typ
Max
Unit
VOL
C
Output low level
-IOL = 4 mA
0.15
V
VOH
C
Output high level
IOH = 4 mA
1.65
V
Imax
C
Maximum current
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com