Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 9Page - STMicroelectronics VG6640 Datasheet HTML 10Page - STMicroelectronics VG6640 Datasheet HTML 11Page - STMicroelectronics VG6640 Datasheet HTML 12Page - STMicroelectronics VG6640 Datasheet HTML 13Page - STMicroelectronics VG6640 Datasheet HTML 14Page - STMicroelectronics VG6640 Datasheet HTML 15Page - STMicroelectronics VG6640 Datasheet HTML 16Page - STMicroelectronics VG6640 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
DocID023597 Rev 11
13/126
VG6640, VD6640
Overview
125
1.8
Notice of disclaimer (MIPI)
The material contained herein is not a license, either expressly or impliedly, to any IPR
owned or controlled by any of the authors or developers of this material or MIPI. The
material contained herein is provided on an “AS IS” basis and to the maximum extent
permitted by applicable law, this material is provided AS IS AND WITH ALL FAULTS, and
the authors and developers of this material and MIPI hereby disclaim all other warranties
and conditions, either express, implied or statutory, including, but not limited to, any (if any)
implied warranties, duties or conditions of merchantability, of fitness for a particular purpose,
of accuracy or completeness of responses, of results, of workmanlike effort, of lack of
viruses, and of lack of negligence.
ALSO, THERE IS NO WARRANTY OF CONDITION OF TITLE, QUIET ENJOYMENT,
QUIET POSSESSION, CORRESPONDENCE TO DESCRIPTION OR NON-
INFRINGEMENT WITH REGARD TO THIS MATERIAL OR THE CONTENTS OF THIS
DOCUMENT. IN NO EVENT WILL ANY AUTHOR OR DEVELOPER OF THIS MATERIAL
OR THE CONTENTS OF THIS DOCUMENT OR MIPI BE LIABLE TO ANY OTHER PARTY
FOR THE COST OF PROCURING SUBSTITUTE GOODS OR SERVICES, LOST
PROFITS, LOSS OF USE, LOSS OF DATA, OR ANY INCIDENTAL, CONSEQUENTIAL,
DIRECT, INDIRECT, OR SPECIAL DAMAGES WHETHER UNDER CONTRACT, TORT,
WARRANTY, OR OTHERWISE, ARISING IN ANY WAY OUT OF THIS OR ANY OTHER
AGREEMENT, SPECIFICATION OR DOCUMENT RELATING TO THIS MATERIAL,
WHETHER OR NOT SUCH PARTY HAD ADVANCE NOTICE OF THE POSSIBILITY OF
SUCH DAMAGES.
Without limiting the generality of this Disclaimer stated above, the user of the contents of
this Document is further notified that MIPI: (a) does not evaluate, test or verify the accuracy,
soundness or credibility of the contents of this Document; (b) does not monitor or enforce
compliance with the contents of this Document; and (c) does not certify, test, or in any
manner investigate products or services or any claims of compliance with the contents of
this Document. The use or implementation of the contents of this Document may involve or
require the use of intellectual property rights (“IPR”) including (but not limited to) patents,
patent applications, or copyrights owned by one or more parties, whether or not Members of
MIPI. MIPI does not make any search or investigation for IPR, nor does MIPI require or
request the disclosure of any IPR or claims of IPR as respects the contents of this
Document or otherwise.
Questions pertaining to this document, or the terms or conditions of its provision, should be
addressed to:
MIPI Alliance, Inc., c/o IEEE-ISTO, 445 Hoes Lane, Piscataway, NJ 08854, Attn: Board
Secretary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com