Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 122 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 118Page - STMicroelectronics VG6640 Datasheet HTML 119Page - STMicroelectronics VG6640 Datasheet HTML 120Page - STMicroelectronics VG6640 Datasheet HTML 121Page - STMicroelectronics VG6640 Datasheet HTML 122Page - STMicroelectronics VG6640 Datasheet HTML 123Page - STMicroelectronics VG6640 Datasheet HTML 124Page - STMicroelectronics VG6640 Datasheet HTML 125Page - STMicroelectronics VG6640 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
Revision history
VG6640, VD6640
122/126
DocID023597 Rev 11
4-Nov--2014
5
Minor correction to application schematic.
Update specification to match cut2.0
Update register map for cut2.0
Update video timing for cut2.0
Remove reference to cursor in test modes
Updated max freq of ITU interface
Updated package info and drawings
Package references changed to Im2BGA
Add QE graph for VG8640 RCCC part
Correct fine integration times
Correct text describing Digital Gains
Change references to RO in the register map to DNW
Updated clock relationship diag to reflect cut2.0
Add details of defect correction options
Include extra features in Features section
more detail re PWL curve
more detail on ASIL lines
Corrected timing formulae to include /2
added color part number to Bayer discussion
Detail added to Pixel Gain
detail added to HDR merge diag
added pixel sensitivity to table 2
correct spelling
made timing diag more legible
changed I2C resistor values in Example applications
Changed front page image to g2BGA package
Corrected min frame length
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com