Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 12Page - NXP Semiconductors MC56F81663 Datasheet HTML 13Page - NXP Semiconductors MC56F81663 Datasheet HTML 14Page - NXP Semiconductors MC56F81663 Datasheet HTML 15Page - NXP Semiconductors MC56F81663 Datasheet HTML 16Page - NXP Semiconductors MC56F81663 Datasheet HTML 17Page - NXP Semiconductors MC56F81663 Datasheet HTML 18Page - NXP Semiconductors MC56F81663 Datasheet HTML 19Page - NXP Semiconductors MC56F81663 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
TCK
1
1
1
Input,
internal
pulldown
enabled
Input
Test Clock Input — This input pin provides a gated
clock to synchronize the test logic and shift serial data
to the JTAG/EOnCE port.The pin is connected
internally to a pulldown resistor. A Schmitt-trigger input
is used for noise immunity. After reset, the default state
is TCK.
(GPIOD2)
Input/
Output
GPIO Port D2.
TMS
63
47
31
Input,
internal
pullup
enabled
Input
Test Mode Select Input — Used to sequence the JTAG
TAP controller state machine. It is sampled on the
rising edge of TCK and has an internal pullup resistor.
After reset, the default state is TMS.
NOTE: Always tie the TMS pin to VDD through a 2.2
kΩ resistor if need to keep on-board debug
capability. Otherwise, directly tie to VDD.
Except being configured as GPIO.
(GPIOD3)
Input/
Output
GPIO Port D3.
RESET
2
2
2
Input,
internal
pullup
enabled
Input
Reset — A direct hardware reset on the processor.
When RESET is asserted low, the device is initialized
and placed in the reset state. A Schmitt-trigger input is
used for noise immunity. The internal reset signal is
deasserted synchronously with the internal clocks after
a fixed number of internal clocks. After reset, the
default state is RESET. Recommended a capacitor of
0.1 µF for filtering noise and up to 22 µF for time delay
if required.
(GPIOD4)
Input/
Open-
drain
Output
GPIO Port D4 — Can be individually programmed as
an input or open-drain output pin. RESET functionality
is disabled in this mode and the device can be reset
only through Power-On Reset (POR), COP reset, or
software reset.
GPIOA0
13
9
6
Input
Input/
Output
GPIO Port A0 — After reset, the default state is
GPIOA0.
(ANA0
&
CMPA_IN3
&
OPAMPA_IN3)
Input
ANA0 — ADCA input channel 0.
CMPA_IN3 — Analog comparator A input 3
OPAMPA_IN3 — Operational amplifier A input 3
When used as an analog input, the signal goes to
ANA0 and CMPA_IN3 and OPAMPA_IN3. 1
(CMPC_O)
Output
Analog comparator C output.
GPIOA1
14
10
7
Input
Input/
Output
GPIO Port A1 — After reset, the default state is
GPIOA1.
(ANA1
&
CMPA_IN0
Input
ANA1 — ADCA input channel 1.
CMPA_IN0 — Analog comparator A input 0.
OPAMPA_IN0 — Operational amplifier A input 0.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
16
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com