Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 40Page - NXP Semiconductors MC56F81663 Datasheet HTML 41Page - NXP Semiconductors MC56F81663 Datasheet HTML 42Page - NXP Semiconductors MC56F81663 Datasheet HTML 43Page - NXP Semiconductors MC56F81663 Datasheet HTML 44Page - NXP Semiconductors MC56F81663 Datasheet HTML 45Page - NXP Semiconductors MC56F81663 Datasheet HTML 46Page - NXP Semiconductors MC56F81663 Datasheet HTML 47Page - NXP Semiconductors MC56F81663 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Table 11. Power mode transition behavior (continued)
Symbol
Description
Typical
Max
Unit
Notes1
LPS mode to LPRUN mode
285
328
µs
3
VLPS mode to VLPRUN mode
878
1010
µs
4
WAIT mode to RUN mode
0.395
0.454
µs
5
LPWAIT mode to LPRUN mode
285
328
µs
3
VLPWAIT mode to VLPRUN mode
868
998
µs
4
1. Wakeup times are measured from GPIO toggle for wakeup till GPIO toggle at the wakeup interrupt subroutine from
respective stop/wait mode.
2. Clock configuration: CPU clock=4 MHz. System clock source is 8 MHz IRC in normal mode.
3. CPU clock = 200 kHz and 8 MHz IRC on standby. Exit by an interrupt on PORTA GPIO.
4. Using 64 kHz external clock; CPU Clock = 32 kHz. Exit by an interrupt on PORTA GPIO.
5. Clock configuration: CPU and system clocks= 100 MHz. Bus Clock = 50MHz. Exit by interrupt on PORTA GPIO
10.3.5 Power consumption operating behaviors
Table 12. Current Consumption (Unit: mA)
Mode
Maximum
Frequency
Conditions
Typical at
3.3 V,
25°C
Maximum
at 3.6 V,
105°C
Maximum
at 3.6V,
125°C
IDD1 IDDA IDD1 IDDA IDD1 IDDA
RUN1
100 MHz
• 100 MHz Core
• 50 MHz Peripheral clock
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered on
• Continuous MAC instructions with fetches from
Program Flash
• All peripheral modules enabled. TMRs and SCIs
using 1X peripheral clock
• NanoEdge within eFlexPWM using 2X peripheral
clock
• ADC/DAC (only one 12-bit DAC and all 8-bit DACs)
powered on and clocked
• Comparator powered on
24.9
8.6
46.0 13.2 46.9 13.2
RUN2
50 MHz
• 50 MHz Core and Peripheral clock
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered on
• Continuous MAC instructions with fetches from
Program Flash
• All peripheral modules enabled. TMRs and SCIs
using 1X peripheral clock
• NanoEdge within eFlexPWM using 2X peripheral
clock
• ADC/DAC (only one 12-bit DAC and all 8-bit DACs)
powered on and clocked
• Comparator powered on
20.3
8.7
43.0 12.2 43.4 12.3
WAIT
50 MHz
• 50 MHz Core and Peripheral clock
17.3
—
35.0
—
35.7
—
Table continues on the next page...
General
MC56F81xxx, Rev. 1.1, 12/2020
44
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com