Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 65Page - NXP Semiconductors MC56F81663 Datasheet HTML 66Page - NXP Semiconductors MC56F81663 Datasheet HTML 67Page - NXP Semiconductors MC56F81663 Datasheet HTML 68Page - NXP Semiconductors MC56F81663 Datasheet HTML 69Page - NXP Semiconductors MC56F81663 Datasheet HTML 70Page - NXP Semiconductors MC56F81663 Datasheet HTML 71Page - NXP Semiconductors MC56F81663 Datasheet HTML 72Page - NXP Semiconductors MC56F81663 Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
• Consider all device loads as well as parasitic capacitance due to PCB traces when
calculating capacitance. This is especially critical in systems with higher capacitive
loads that could create higher transient currents in the VDD and VSS circuits.
• Take special care to minimize noise levels on the VREF, VDDA, and VSSA pins.
• Using separate power planes for VDD and VDDA and separate ground planes for VSS
and VSSA are recommended. Connect the separate analog and digital power and
ground planes as near as possible to power supply outputs. If an analog circuit and
digital circuit are powered by the same power supply, then connect a small inductor
or ferrite bead in serial with VDDA. Traces of VSS and VSSA should be shorted
together.
• Physically separate analog components from noisy digital components by ground
planes. Do not place an analog trace in parallel with digital traces. Place an analog
ground trace around an analog signal trace to isolate it from digital traces.
• Because the flash memory is programmed through the JTAG/EOnCE port, SPI, SCI,
or I2C, the designer should provide an interface to this port if in-circuit flash
programming is desired.
• If desired, connect an external RC circuit to the RESET pin. The resistor value
should be in the range of 4.7 kΩ–10 kΩ; the capacitor value should be in the range of
0.1 µF–4.7 µF.
• Configuring the RESET pin to GPIO output in normal operation in a high-noise
environment may help to improve the performance of noise transient immunity.
• Add a 2.2 kΩ external pullup on the TMS pin of the JTAG port to keep EOnCE in a
reset state during normal operation if JTAG converter is not present. Furthermore,
configure TMS, TDI, TDO and TCK to GPIO if operation environment is very noisy.
• During reset and after reset but before I/O initialization, all the GPIO pins are at tri-
state.
• To eliminate PCB trace impedance effect, each ADC input should have a no less than
33 pF 10Ω RC filter.
12.3 Power-on Reset design considerations
12.3.1 Improper power-up sequence between VDD/VSS and VDDA/
VSSA:
It is recommended that VDD be kept within 100 mV of VDDA at all times, including
power ramp-up and ramp-down. Failure to keep VDD within 100 mV of VDDA may
cause a leakage current through the substrate, between the VDD and VDDA pad cells.
This leakage current could prevent operation of the device after it powers up. The voltage
Design Considerations
MC56F81xxx, Rev. 1.1, 12/2020
70
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com