Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 46Page - NXP Semiconductors MC56F81663 Datasheet HTML 47Page - NXP Semiconductors MC56F81663 Datasheet HTML 48Page - NXP Semiconductors MC56F81663 Datasheet HTML 49Page - NXP Semiconductors MC56F81663 Datasheet HTML 50Page - NXP Semiconductors MC56F81663 Datasheet HTML 51Page - NXP Semiconductors MC56F81663 Datasheet HTML 52Page - NXP Semiconductors MC56F81663 Datasheet HTML 53Page - NXP Semiconductors MC56F81663 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
System modules
11.2.1 Voltage regulator specifications
The voltage regulator supplies approximately 1.2 V to the device's core logic. For proper
operations, the voltage regulator requires a minimum external 2.2 µF capacitor on each
VCAP pin with total capacitors on all VCAP pins at a minimum of 4.4 µF. Ceramic and
tantalum capacitors tend to provide better performance tolerances. The output voltage can
be measured directly on the VCAP pin. The specifications for this regulator are shown in
Table 18.
Table 18. Regulator 1.2 V parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage 1
VCAP
—
1.23
—
V
Short Circuit Current 2
ISS
—
600
—
mA
Short Circuit Tolerance (VCAP shorted to ground)
TRSC
—
—
1
minute
1. Value is after trim
2. Guaranteed by design
Table 19. Bandgap electrical specifications
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage (after trim)
VREF
—
1.241
—
V
1. Typical value is trimmed at 25
℃. There could be ±50 mV variation due to temperature change.
11.3 Clock modules
11.3.1 External clock operation timing
Parameters listed are guaranteed by design.
Table 20. External clock operation timing requirements
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation (external clock driver)1
fosc
—
—
50
MHz
Clock pulse width2
tPW
8
ns
External clock input rise time3
trise
—
—
1
ns
External clock input fall time4
tfall
—
—
1
ns
Table continues on the next page...
11.2
System modules
MC56F81xxx, Rev. 1.1, 12/2020
50
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com