Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 4 Page - NXP Semiconductors

  MC56F81663 Datasheet HTML 1Page - NXP Semiconductors MC56F81663 Datasheet HTML 2Page - NXP Semiconductors MC56F81663 Datasheet HTML 3Page - NXP Semiconductors MC56F81663 Datasheet HTML 4Page - NXP Semiconductors MC56F81663 Datasheet HTML 5Page - NXP Semiconductors MC56F81663 Datasheet HTML 6Page - NXP Semiconductors MC56F81663 Datasheet HTML 7Page - NXP Semiconductors MC56F81663 Datasheet HTML 8Page - NXP Semiconductors MC56F81663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
1.2 56800EX 32-bit Digital Signal Controller (DSC) core
• Efficient 32-bit 56800EX Digital Signal Processor (DSP) engine with modified dual
Harvard architecture:
• Three internal address buses
• Four internal data buses: two 32-bit primary buses, one 16-bit secondary data
bus, and one 16-bit instruction bus
• 32-bit data accesses
• Supports concurrent instruction fetches in the same cycle, and dual data accesses
in the same cycle
• 20 addressing modes
• 162 basic instructions
• Instruction set supports both fractional arithmetic and integer arithmetic
• 32-bit internal primary data buses support 8-bit, 16-bit, and 32-bit data movement,
plus addition, subtraction, and logical operations
• Single-cycle 16 × 16-bit -> 32-bit and 32 x 32-bit -> 64-bit multiplier-accumulator
(MAC) with dual parallel moves
• 32-bit arithmetic and logic multi-bit shifter
• Four 36-bit accumulators, including extension bits
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Bit reverse address mode, which effectively supports DSP and Fast Fourier
Transform algorithms
• Full shadowing of the register stack for zero-overhead context saves and restores:
nine shadow registers correspond to nine address registers (R0, R1, R2, R3, R4, R5,
N, N3, M01)
• Instruction set supports both DSP and controller functions
• Controller-style addressing modes and instructions enable compact code
• Enhanced bit manipulation instruction set
• Efficient C compiler and local variable support
• Software subroutine and interrupt stack, with the stack's depth limited only by
memory
• Priority level setting for interrupt levels
• JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, real-time debugging
that is independent of processor speed
1.3 Operation Parameters
• 50 MHz core frequency in normal mode, 100 MHz core frequency in fast mode.
• Operation ambient temperature:
Overview
MC56F81xxx, Rev. 1.1, 12/2020
4
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com