Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 53Page - NXP Semiconductors MC56F81663 Datasheet HTML 54Page - NXP Semiconductors MC56F81663 Datasheet HTML 55Page - NXP Semiconductors MC56F81663 Datasheet HTML 56Page - NXP Semiconductors MC56F81663 Datasheet HTML 57Page - NXP Semiconductors MC56F81663 Datasheet HTML 58Page - NXP Semiconductors MC56F81663 Datasheet HTML 59Page - NXP Semiconductors MC56F81663 Datasheet HTML 60Page - NXP Semiconductors MC56F81663 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
11.5.1.1 Equivalent circuit for ADC inputs
The following figure shows the ADC input circuit during sample and hold. S1 and S2 are
always opened/closed at non-overlapping phases, and both S1 and S2 are dependent on
the ADC clock frequency. The following equation gives equivalent input impedance
when the input is selected.
Freescale Semiconductor
32
1
(ADC ClockRate) x CADI
+Resistor
+
ohm
50
NOTE
Resistor=1200 ohm@gain1×, or 730 ohm@gain2×, or 500
ohm@gain4×
1
2
Analog Input
S1
S1
S2
C1
C1
S/H
(VREFHx - VREFLx ) / 2
50  ESD
Resisto
r
S2
S1
S1
Channel Mux
equivalent resistance
C1
C1
Resistor(value see the note)
1. Parasitic capacitance due to package, pin-to-pin and pin-to-package base coupling =
1.8pF
2. Parasitic capacitance due to the chip bond pad, ESD protection devices and signal
routing = 2.04pF
3. S1 and S2 switch phases are non-overlapping and depend on the ADC clock
frequency
S 1
S 2
Figure 11. Equivalent circuit for A/D loading
System modules
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com