Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 1 Page - NXP Semiconductors

  MC56F81663 Datasheet HTML 1Page - NXP Semiconductors MC56F81663 Datasheet HTML 2Page - NXP Semiconductors MC56F81663 Datasheet HTML 3Page - NXP Semiconductors MC56F81663 Datasheet HTML 4Page - NXP Semiconductors MC56F81663 Datasheet HTML 5Page - NXP Semiconductors MC56F81663 Datasheet HTML 6Page - NXP Semiconductors MC56F81663 Datasheet HTML 7Page - NXP Semiconductors MC56F81663 Datasheet HTML 8Page - NXP Semiconductors MC56F81663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
MC56F81XXX
MC56F81xxx
Supports MC56F81xxx
Features
• This family of digital signal controllers (DSCs) is
based on the 32-bit 56800EX core. On a single chip,
each device combines the processing power of a DSP
and the functionality of an MCU, with a flexible set of
peripherals to support many target applications:
– Industrial control
– Motion control
– Home appliances
– General-purpose inverters
– Smart sensors, fire and security systems
– Wireless charging
– Switched-mode power supply and power
management
– Uninterruptible power supplies (UPS)
– Solar inverter
– Medical monitoring applications
• DSC based on 32-bit 56800EX core
– Up to 100 MIPS at 100 MHz core frequency in fast
mode
– DSP and MCU functionality in a unified, C-efficient
architecture
• On-chip memory
– Up to 128 KB flash memory
– Up to 20 KB data/program RAM
– Both on-chip flash memory and RAM can be
mapped into both program and data memory spaces
– Boot ROM (supports boot from SCI, I2C)
• Analog
– Two high-speed, 12-bit ADCs with dynamic x1, x2,
and x4 programmable amplifier
– Two operational amplifiers, programmable gain up
to x16
– Up to four analog comparators with integrated 8-bit
DAC references
– One 12-bit digital-to-analog converters (DAC)
– On-chip temperature sensors
• One high resolution eFlexPWM module with up to 12
PWM outputs, including 8 channels with 312ps
resolution NanoEdge placement
• Communication interfaces
– Up to two high-speed queued SCI (QSCI) modules
with LIN slave functionality
– One queued SPI (QSPI) modules
– Up to two LPI2C modules (Support Full PMBus)
• Timers
– One 16-bit quad timer (1 x 4 16-bit timer)
– Two 32-bit Periodic Interval Timers (PITs)
– One Quadrature Decoder (QDC)
• Security and integrity
– Cyclic Redundancy Check (CRC) generator
– Windowed Computer operating properly (COP)
watchdog
– External Watchdog Monitor (EWM)
• Clocks
– On-chip oscillators: 200 kHz, and 8/2MHz IRC
– Crystal / resonator oscillator
• System
– 4-channel enhanced DMA controller, supporting up
to 63 request sources
– Integrated power-on reset (POR) and low-voltage
interrupt (LVI) and brown-out reset module
– Inter-Module Crossbar and Event Generator
– JTAG/enhanced on-chip emulation (EOnCE) for
unobtrusive, real-time debugging
• Operating characteristics
– Single supply: 2.7 V to 3.6 V
– Operation ambient temperature (V): -40 to 105°C
– Operation ambient temperature (M): -40 to 125°C
• 64-pin LQFP, 48-pin LQFP, 32-pin LQFP and QFN
packages
NXP Semiconductors
Document Number MC56F81XXX
Data Sheet: Technical Data
Rev. 1.1, 12/2020
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - MC56F81663

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8166 FREESCALE-MC56F8166 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
MC56F8166 FREESCALE-MC56F8166 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
MC56F8166 FREESCALE-MC56F8166 Datasheet
1Mb / 182P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
MC56F81666LVLF NXP-MC56F81666LVLF Datasheet
890Kb / 76P
MC56F81xxx Supports MC56F81xxxL and MC56F81xxxA
Rev. 2.1, 12/2023
MC56F81668LVLH NXP-MC56F81668LVLH Datasheet
890Kb / 76P
MC56F81xxx Supports MC56F81xxxL and MC56F81xxxA
Rev. 2.1, 12/2023
More results

Similar Description - MC56F81663

ManufacturerPart #DatasheetDescription
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Freescale Semiconductor...
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
High-performance 32-bit core built on Power Architecture짰 technology.
logo
NXP Semiconductors
MC56F836XXDS NXP-MC56F836XXDS Datasheet
1Mb / 60P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 1.6, 09/2019
MC56F823XX NXP-MC56F823XX Datasheet
1Mb / 68P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F827XXDS NXP-MC56F827XXDS Datasheet
1Mb / 76P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4.1, 11/2018
MC56F82348MLH NXP-MC56F82348MLH Datasheet
1Mb / 68P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 2, 07/2020
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
MC56F80XXX NXP-MC56F80XXX Datasheet
1Mb / 72P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EF core.
Rev. 2, 11/2022
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com