Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 5 Page - NXP Semiconductors

  MC56F81663 Datasheet HTML 1Page - NXP Semiconductors MC56F81663 Datasheet HTML 2Page - NXP Semiconductors MC56F81663 Datasheet HTML 3Page - NXP Semiconductors MC56F81663 Datasheet HTML 4Page - NXP Semiconductors MC56F81663 Datasheet HTML 5Page - NXP Semiconductors MC56F81663 Datasheet HTML 6Page - NXP Semiconductors MC56F81663 Datasheet HTML 7Page - NXP Semiconductors MC56F81663 Datasheet HTML 8Page - NXP Semiconductors MC56F81663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
V Temperature option:-40 oC to 105oC
M Temperature option:-40 oC to 125oC
• Single 3.3 V power supply
• Supply range: VDD - VSS = 2.7 V to 3.6 V, VDDA - VSSA = 2.7 V to 3.6 V
1.4 Interrupt Controller
• Five interrupt priority levels
• Three user-programmable priority levels for each interrupt source: level 0, level
1, level 2
• Unmaskable level 3 interrupts include illegal instruction, hardware stack
overflow, misaligned data access, SWI3 instruction
• Interrupt level 3 is highest priority and non-maskable. Its sources include:
• Illegal instructions
• Hardware stack overflow
• SWI instruction
• EOnce interrupts
• Misaligned data accesses
• Lowest-priority software interrupt: level LP
• Support for nested interrupts, so that a higher priority level interrupt request can
interrupt lower priority interrupt subroutine
• Masking of interrupt priority level is managed by the 56800EX core
• Two programmable fast interrupts that can be assigned to any interrupt source
• Notification to System Integration Module (SIM) to restart clock when in wait and
stop states
• Ability to relocate interrupt vector table
Peripheral highlights
1.5.1 Enhanced Flex Pulse Width Modulator (eFlexPWM)
• 16 bits of resolution for center, edge-aligned, and asymmetrical PWMs
• PWMA with NanoEdge high resolution
• Fractional delay for enhanced resolution of the PWM period and edge placement
• Arbitrary PWM edge placement
• 312 ps PWM frequency and duty-cycle resolution when NanoEdge functionality
is enabled.
• PWM outputs can be configured as complementary output pairs or independent
outputs
1.5
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com