Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 55Page - NXP Semiconductors MC56F81663 Datasheet HTML 56Page - NXP Semiconductors MC56F81663 Datasheet HTML 57Page - NXP Semiconductors MC56F81663 Datasheet HTML 58Page - NXP Semiconductors MC56F81663 Datasheet HTML 59Page - NXP Semiconductors MC56F81663 Datasheet HTML 60Page - NXP Semiconductors MC56F81663 Datasheet HTML 61Page - NXP Semiconductors MC56F81663 Datasheet HTML 62Page - NXP Semiconductors MC56F81663 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Table 30. OPAMP electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
VCC
Power supply
3.0
—
3.6
V
ICC
Supply current
• high-speed mode
• low-power mode
—
—
500
100
—
—
μA
VOS
Input offset voltage
• high-speed mode
• low-power mode
—
—
±1.5
±2
±5
±6.5
mV
VIN
Common input voltage
VSSA
—
VDDA - 1.2
V
VOUT
Output voltage range
0.15
—
VDDA - 0.15
V
CMRR
Input common mode rejection ratio
60
80
—
dB
PSRR
Power supply rejection ratio
60
80
—
dB
SR
Slew rate 1
• high-speed mode
• low-power mode
4
—
8
1
—
—
V/μs
GBW
Unity gain bandwidth 1
• high-speed mode
• low-power mode
—
8
1.5
—
MHz
1. RL = 5 ~ 10 kΩ, CL = 30 ~ 50 pf
11.5.4 CMP and 8-bit DAC electrical specifications
Table 31. Comparator and 8-bit DAC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3.0
—
3.6
V
IDDHS
Supply current, high-speed mode (EN=1, PMODE=1)
—
300
—
μA
IDDLS
Supply current, low-speed mode (EN=1, PMODE=0)
—
36
—
μA
VAIN
Analog input voltage
VSS
—
VDD
V
VAIO
Analog input offset voltage 1
—
—
20
mV
VH
Analog comparator hysteresis
• CR0[HYSTCTR] = 002
• CR0[HYSTCTR] = 011
• CR0[HYSTCTR] = 101
• CR0[HYSTCTR] = 111
—
—
—
—
5
25
55
80
13
48
105
148
mV
mV
mV
mV
VCMPOh
Output high
VDD – 0.5
—
—
V
VCMPOl
Output low
—
—
0.5
V
tDHS
Propagation delay, high-speed mode (EN=1,
PMODE=1)3
—
25
70
ns
tDLS
Propagation delay, low-speed mode (EN=1,
PMODE=0)3
—
60
200
ns
Analog comparator initialization delay4
—
40
—
μs
Table continues on the next page...
System modules
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com