Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 17Page - NXP Semiconductors MC56F81663 Datasheet HTML 18Page - NXP Semiconductors MC56F81663 Datasheet HTML 19Page - NXP Semiconductors MC56F81663 Datasheet HTML 20Page - NXP Semiconductors MC56F81663 Datasheet HTML 21Page - NXP Semiconductors MC56F81663 Datasheet HTML 22Page - NXP Semiconductors MC56F81663 Datasheet HTML 23Page - NXP Semiconductors MC56F81663 Datasheet HTML 24Page - NXP Semiconductors MC56F81663 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
(SS0_B)
Input/
Output
SPI0 slave select.
(TXD0)
Output
SCI0 transmit data output or transmit/receive in single
wire operation.
(XB_IN8)
Input
Crossbar module input 8.
(XB_OUT6)
Output
Crossbar module output 6.
GPIOC8
33
25
16
Input
Input/
Output
GPIO Port C8 — After reset, the default state is
GPIOC8.
(MISO0)
Input/
Output
SPI0 master in/slave out.
(RXD0)
Input
SCI0 receive data input.
(XB_IN9)
Input
Crossbar module input 9.
GPIOC9
34
26
17
Input
Input/
Output
GPIO Port C9 — After reset, the default state is
GPIOC9.
(SCLK0)
Input/
Output
SPI0 serial clock.
(XB_IN4)
Input
Crossbar module input 4.
(TXD0)
Output
SCI0 transmit data output or transmit/receive in single
wire operation.
(XB_OUT8)
Output
Crossbar module output 8.
GPIOC10
35
27
18
Input
Input/
Output
GPIO Port C10 — After reset, the default state is
GPIOC10.
(MOSI0)
Input/
Output
SPI0 master out/slave.
(XB_IN5)
Input
Crossbar module input 5.
(MISO0)
Input/
Output
SPI0 master in/slave out.
(XB_OUT9)
Output
Crossbar module output 9.
GPIOC11
37
29
—
Input
Input/
Output
GPIO Port C11 — After reset, the default state is
GPIOC11.
(LP_SCLS0)
Output
I2C0 secondary serial clock line.
NOTE: In 4-wire mode, this is the I2C slave SCL
output for voltage level shift.
(LP_SCL1)
Input/
Open-
drain
Output
I2C1 serial clock line.
NOTE: In 4-wire mode, this is the I2C slave SCL input.
(TXD1)
Output
SCI1 transmit data output or transmit/receive in single
wire operation.
(PWMA_0X)
Output
PWM submodule 0, output X or input capture X.
GPIOC12
38
30
—
Input
Input/
Output
GPIO Port C12 — After reset, the default state is
GPIOC12.
(LP_SDAS0)
Output
I2C0 secondary serial data line.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com