Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 7Page - NXP Semiconductors MC56F81663 Datasheet HTML 8Page - NXP Semiconductors MC56F81663 Datasheet HTML 9Page - NXP Semiconductors MC56F81663 Datasheet HTML 10Page - NXP Semiconductors MC56F81663 Datasheet HTML 11Page - NXP Semiconductors MC56F81663 Datasheet HTML 12Page - NXP Semiconductors MC56F81663 Datasheet HTML 13Page - NXP Semiconductors MC56F81663 Datasheet HTML 14Page - NXP Semiconductors MC56F81663 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
• Separate I2C slave registers to minimize software overhead because of master/slave
switching
• Support for 7-bit or 10-bit addressing, address range, SMBus alert and general call
address
• Transmit data register that supports interrupt or DMA requests
• Receive data register that supports interrupt or DMA requests
• Software-controllable ACK or NACK, with optional clock stretching on ACK/
NACK bit
• Configurable clock stretching, to avoid transmit FIFO underrun and receive FIFO
overrun errors
• Flag and optional interrupt at end of packet, STOP condition, or bit error detection
1.5.13 Windowed Computer Operating Properly (COP) watchdog
• Programmable windowed timeout period
• Support for operation in all power modes: run mode, wait mode, stop mode
• Causes loss of reference reset 128 cycles after loss of reference clock to the PLL is
detected
• Selectable reference clock source in support of EN60730 and IEC61508
• Selectable clock sources:
• External crystal oscillator
• On-chip low-power 200 kHz oscillator
• System bus (IPBus up to 50 MHz)
• 8 MHz / 2 MHz IRC
• Support for interrupt generation
1.5.14 External Watchdog Monitor (EWM)
• Monitors external circuit as well as the software flow
• Programmable timeout period
• Interrupt capability prior to timeout
• Independent output (EWM_OUT_b) that places external circuit (but not CPU and
peripheral) in a safe mode when EWM timeout occurs
• Selectable reference clock source in support of EN60730 and IEC61508
• Wait mode and Stop mode operation is not supported.
• Selectable clock sources:
• External crystal oscillator
• On-chip low-power 200 kHz oscillator
• System bus (IPBus up to 50 MHz)
• 8 MHz / 2 MHz IRC
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com