Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 4Page - NXP Semiconductors MC56F81663 Datasheet HTML 5Page - NXP Semiconductors MC56F81663 Datasheet HTML 6Page - NXP Semiconductors MC56F81663 Datasheet HTML 7Page - NXP Semiconductors MC56F81663 Datasheet HTML 8Page - NXP Semiconductors MC56F81663 Datasheet HTML 9Page - NXP Semiconductors MC56F81663 Datasheet HTML 10Page - NXP Semiconductors MC56F81663 Datasheet HTML 11Page - NXP Semiconductors MC56F81663 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
1.5.6 Periodic Interrupt Timer (PIT) Modules
• 32-bit counter with programmable count modulo
• PIT0 is master and PIT1 is slave (if synchronizing both PITs)
• The output signals of both PIT0 and PIT1 are internally connected to a peripheral
crossbar module
• Can run when the CPU is in Wait/Stop modes. Can also wake up the CPU from
Wait/Stop modes.
• In addition to its existing bus clock (up to 50 MHz), 3 alternate clock sources for the
counter clock are available:
• Crystal oscillator output
• 8 MHz / 2 MHz internal RC output
• On-chip low-power 200 kHz oscillator
1.5.7 Quadrature Decoder (QDC)
• Includes logic to decode quadrature signals
• Inputs can be connected to a general purpose timer to make low speed velocity
measurements
• Configurable digital filter for inputs
• Quadrature decoder filter can be bypassed
• 32-bit position counter capable of modulo counting
• Position counter can be initialized by software or external events
• 16-bit position difference register
• Compare function can indicate when shaft has reached a defined position
• A watchdog timer can detect a non-rotating shaft condition
• Preloadable 16-bit revolution counter
• Maximum count frequency equals the peripheral clock rate
• Optional interrupt when both PHASEA and PHASEB inputs change in the same
cycle
1.5.8 Inter-Module Crossbar and Event Generator (EVTG) logic
• Provides generalized connections between and among on-chip peripherals: ADCs,
12-bit DAC, comparators, quad-timers, eFlexPWMs, EWM, quadrature decoder, and
select I/O pins
• User-defined input/output pins for all modules connected to the crossbar
• DMA request and interrupt generation from the crossbar
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com