Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 42Page - NXP Semiconductors MC56F81663 Datasheet HTML 43Page - NXP Semiconductors MC56F81663 Datasheet HTML 44Page - NXP Semiconductors MC56F81663 Datasheet HTML 45Page - NXP Semiconductors MC56F81663 Datasheet HTML 46Page - NXP Semiconductors MC56F81663 Datasheet HTML 47Page - NXP Semiconductors MC56F81663 Datasheet HTML 48Page - NXP Semiconductors MC56F81663 Datasheet HTML 49Page - NXP Semiconductors MC56F81663 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Table 12. Current Consumption (Unit: mA) (continued)
Mode
Maximum
Frequency
Conditions
Typical at
3.3 V,
25°C
Maximum
at 3.6 V,
105°C
Maximum
at 3.6V,
125°C
IDD1 IDDA IDD1 IDDA IDD1 IDDA
• PLL disabled
• Repeat NOP instructions
• All peripheral modules, except COP and EWM,
disabled and clocks gated off
• Simple loop running from platform instruction buffer
VLPWAIT
200 kHz
• 32 kHz Device Clock
• Clocked by a 64 kHz external clock source
• Oscillator in power down
• All ROSCs disabled
• Large regulator is in standby
• Small regulator is disabled
• PLL disabled
• All peripheral modules, except COP, disabled and
clocks gated off
• Processor core in wait mode
0.4
—
7.5
—
9.0
—
VLPSTOP
200 kHz
• 32 kHz Device Clock
• Clocked by a 64 kHz external clock source
• Oscillator in power down
• All ROSCs disabled
• Large regulator is in standby.
• Small regulator is disabled.
• PLL disabled
• All peripheral modules, except COP, disabled and
clocks gated off
• Processor core in stop mode
0.4
—
7.5
—
9.0
—
1. No output switching, all ports configured as inputs, all inputs low, no DC loads.
2. In all chip LP modes and flash memory VLP modes, the maximum frequency for flash memory operation is 500 kHz due to
the fixed frequency ratio of 1:2 between the CPU clock and the flash clock when running with 2 MHz external clock input
and CPU running at 1 MHz.
10.3.6 Designing with radiated emissions in mind
To find application notes that provide guidance on designing your system to minimize
interference from radiated emissions:
1. Go to www.nxp.com.
2. Perform a keyword search for “EMC design.”
General
MC56F81xxx, Rev. 1.1, 12/2020
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com