Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 36Page - NXP Semiconductors MC56F81663 Datasheet HTML 37Page - NXP Semiconductors MC56F81663 Datasheet HTML 38Page - NXP Semiconductors MC56F81663 Datasheet HTML 39Page - NXP Semiconductors MC56F81663 Datasheet HTML 40Page - NXP Semiconductors MC56F81663 Datasheet HTML 41Page - NXP Semiconductors MC56F81663 Datasheet HTML 42Page - NXP Semiconductors MC56F81663 Datasheet HTML 43Page - NXP Semiconductors MC56F81663 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
10.1 General characteristics
Absolute maximum ratings in the table of "Voltage and current operating ratings" section
are stress ratings only, and functional operation at the maximum is not guaranteed. Stress
beyond these ratings may affect device reliability or cause permanent damage to the
device.
Unless otherwise stated, all specifications within this chapter apply to the temperature
range specified in the table of "Voltage and current operating ratings" section over the
following supply ranges: VSS = VSSA = 0 V, VDD = VDDA = 3.0 V to 3.6 V, CL ≤ 50 pF,
fOP = 50 MHz.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields. However,
normal precautions are advised to avoid application of any
voltages higher than maximum-rated voltages to this high-
impedance circuit. Reliability of operation is enhanced if
unused inputs are tied to an appropriate voltage level.
10.2 AC electrical characteristics
Tests are conducted using the input levels specified in the section "Voltage and current
operating behaviors". Unless otherwise specified, propagation delays are measured from
the 50% to the 50% point, and rise and fall times are measured between the 20% and 80%
points, as shown in Figure 5.
80%
20%
50%
VIL
Input Signal
VIH
Fall Time
High
Low
Rise Time
Midpoint1
The midpoint is VIL + (VIH - VIL) / 2
Figure 5. Input signal measurement references
All digital I/O switching characteristics, unless otherwise specified, assume that the
output pins have the following characteristics.
• CL=30 pF loads
• Slew rate disabled
• Normal drive strength
General
MC56F81xxx, Rev. 1.1, 12/2020
40
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com