Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 24Page - NXP Semiconductors MC56F81663 Datasheet HTML 25Page - NXP Semiconductors MC56F81663 Datasheet HTML 26Page - NXP Semiconductors MC56F81663 Datasheet HTML 27Page - NXP Semiconductors MC56F81663 Datasheet HTML 28Page - NXP Semiconductors MC56F81663 Datasheet HTML 29Page - NXP Semiconductors MC56F81663 Datasheet HTML 30Page - NXP Semiconductors MC56F81663 Datasheet HTML 31Page - NXP Semiconductors MC56F81663 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
64
LQFP
48
LQFP
32
LQFP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
49
37
—
GPIOC13
GPIOC13
TA3
XB_IN6
EWM_OUT_B
50
38
—
GPIOF1
GPIOF1
CLKO1
XB_IN7
CMPD_O
51
39
25
GPIOE4
GPIOE4
PWMA_2B
XB_IN2
LP_SCL1
XB_OUT8
52
40
26
GPIOE5
GPIOE5
PWMA_2A
XB_IN3
LP_SDA1
XB_OUT9
53
—
—
GPIOE6
GPIOE6
PWMA_3B
XB_IN4
XB_OUT10
54
—
—
GPIOE7
GPIOE7
PWMA_3A
XB_IN5
XB_OUT11
55
41
—
GPIOC14
GPIOC14
LP_SDA0
XB_OUT4
PWMA_FAULT4
56
42
—
GPIOC15
GPIOC15
LP_SCL0
XB_OUT5
PWMA_FAULT5
57
43
27
VCAP
VCAP
58
—
—
GPIOF6
GPIOF6
PWMA_3X
LP_SCLS1
XB_IN2
59
—
—
GPIOF7
GPIOF7
CMPC_O
LP_SDAS1
XB_IN3
60
44
28
VDD
VDD
61
45
29
VSS
VSS
62
46
30
TDO
TDO
GPIOD1
63
47
31
TMS
TMS
GPIOD3
64
48
32
TDI
TDI
GPIOD0
4.2 Pinout diagrams
The following diagrams show pinouts for the packages. For each pin, the diagrams show
the default function. However, many signals may be multiplexed onto a single pin.
Pinout
MC56F81xxx, Rev. 1.1, 12/2020
28
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com