Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 57Page - NXP Semiconductors MC56F81663 Datasheet HTML 58Page - NXP Semiconductors MC56F81663 Datasheet HTML 59Page - NXP Semiconductors MC56F81663 Datasheet HTML 60Page - NXP Semiconductors MC56F81663 Datasheet HTML 61Page - NXP Semiconductors MC56F81663 Datasheet HTML 62Page - NXP Semiconductors MC56F81663 Datasheet HTML 63Page - NXP Semiconductors MC56F81663 Datasheet HTML 64Page - NXP Semiconductors MC56F81663 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
PWMs and timers
11.6.1 Enhanced NanoEdge PWM characteristics
Table 32. NanoEdge PWM timing parameters
Characteristic
Symbol
Min
Typ
Max
Unit
PWM clock frequency
100
MHz
NanoEdge Placement (NEP) Step Size1, 2
pwmp
312
ps
Delay for fault input activating to PWM output deactivated
1
33
ns
Power-up Time3
tpu
25
µs
Resolution of Deadtime
312
ps
1. Reference IPbus clock of 100 MHz in NanoEdge Placement mode.
2. Temperature and voltage variations do not affect NanoEdge Placement step size.
3. Powerdown to NanoEdge mode transition.
11.6.2 Quad Timer timing
Parameters listed are guaranteed by design.
Table 33. Timer timing
Characteristic
Symbol
Min1
Max
Unit
See Figure
Timer input period
PIN
2T + 6
—
ns
Figure 14
Timer input high/low period
PINHL
1T + 3
—
ns
Figure 14
Timer output period
POUT
20
—
ns
Figure 14
Timer output high/low period
POUTHL
10
—
ns
Figure 14
1. T = clock cycle. For 100 MHz operation, T = 10 ns.
POUT
POUTHL
POUTHL
PIN
PINHL
PINHL
Timer Inputs
Timer Outputs
Figure 14. Timer timing
11.6
PWMs and timers
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com