Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 41Page - NXP Semiconductors MC56F81663 Datasheet HTML 42Page - NXP Semiconductors MC56F81663 Datasheet HTML 43Page - NXP Semiconductors MC56F81663 Datasheet HTML 44Page - NXP Semiconductors MC56F81663 Datasheet HTML 45Page - NXP Semiconductors MC56F81663 Datasheet HTML 46Page - NXP Semiconductors MC56F81663 Datasheet HTML 47Page - NXP Semiconductors MC56F81663 Datasheet HTML 48Page - NXP Semiconductors MC56F81663 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
Table 12. Current Consumption (Unit: mA) (continued)
Mode
Maximum
Frequency
Conditions
Typical at
3.3 V,
25°C
Maximum
at 3.6 V,
105°C
Maximum
at 3.6V,
125°C
IDD1 IDDA IDD1 IDDA IDD1 IDDA
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered on
• Processor Core in WAIT state
• All Peripheral modules enabled.
• TMRs and SCIs using 1X Clock
• NanoEdge within PWMA using 2X clock
• ADC/DAC (single 12-bit DAC, all 8-bit DACs),
Comparator powered off
STOP
4 MHz
• 4 MHz Device Clock
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered off
• Processor Core in STOP state
• All peripheral module and core clocks are off
• ADC/DAC/Comparator powered off
4.4
—
12.5
—
13.1
—
LPRUN
(LsRUN)
2 MHz
• 200 kHz Device Clock from Relaxation Oscillator's
(ROSC) low speed clock
• ROSC in standby mode
• Regulators are in standby
• PLL disabled
• Repeat NOP instructions
• All peripheral modules enabled, except NanoEdge
and cyclic ADCs. One 12-bit DAC and all 8-bit
DACs enabled.
• Simple loop with running from platform instruction
buffer
1.1
2.4
11.1
4.0
12.8
4.0
LPWAIT
(LsWAIT)
2 MHz
• 200 kHz Device Clock from Relaxation Oscillator's
(ROSC) low speed clock
• ROSC in standby mode
• Regulators are in standby
• PLL disabled
• All peripheral modules enabled, except NanoEdge
and cyclic ADCs. One 12-bit DAC and all 8-bit
DACs enabled.2
• Processor core in wait mode
1.0
2.4
11.1
4.0
12.8
4.0
LPSTOP
(LsSTOP)
2 MHz
• 200 kHz Device Clock from Relaxation Oscillator's
(ROSC) low speed clock
• ROSC in standby mode
• Regulators are in standby
• PLL disabled
• Only PITs and COP enabled; other peripheral
modules disabled and clocks gated off2
• Processor core in stop mode
1.0
—
9.1
—
10.5
—
VLPRUN
200 kHz
• 32 kHz Device Clock
• Clocked by a 64 kHz external clock source
• Oscillator in power down
• All ROSCs disabled
• Large regulator is in standby
• Small regulator is disabled
0.4
—
7.5
—
9.0
—
Table continues on the next page...
General
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com