Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 33 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 29Page - Analog Devices ADPD4101 Datasheet HTML 30Page - Analog Devices ADPD4101 Datasheet HTML 31Page - Analog Devices ADPD4101 Datasheet HTML 32Page - Analog Devices ADPD4101 Datasheet HTML 33Page - Analog Devices ADPD4101 Datasheet HTML 34Page - Analog Devices ADPD4101 Datasheet HTML 35Page - Analog Devices ADPD4101 Datasheet HTML 36Page - Analog Devices ADPD4101 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 33 of 101
PRECONDITION
LED PULSES
MASK PULSE 1 AND PULSE 4
FLASH PULSE 2 AND PULSE 3
ACCUMULATED
CHARGE ON PD
INTEGRATOR
OUTPUT
INTEGRATOR
SEQUENCE
INTEGRATOR
RESET
ADC READ
MASKED LED PULSE
INTEG_WIDTH_x
MASKED LED PULSE
FLASH LED
FLASH LED
CONNECT/FLOAT
START OF TIME SLOT
MOD_OFFSET_x
MIN_PERIOD_x
MOD_WIDTH_x
LED_WIDTH_x
LED_OFFSET_x
INTEG_OFFSET_x
PRE_WIDTH_x
(DEFAULT 8µs)
Figure 37. Four-Pulse Float Mode Operation
Table 20. Float LED Mode Settings
Group
Time Slot A
Register Address1
Bit Field Name
Description
Signal Path Setup
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0100, Bits[11:10]
INPUT_R_SELECT_x
Set to 0x0 for 500 Ω series input resistor.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF.
0x0102, Bits[15:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x4 to precondition anode of photodiode to the input of
the TIA.
0x0103, Bits[7:6], Bits[1:0]
VCx_SEL_x
Set to 0x2 to set ~215 mV reverse bias across photodiode.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain (100 kΩ or 200 kΩ for float mode).
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Float Mode
Configuration
0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per group of ADC conversions.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats. Must be set to a multiple of 2 for
float mode.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0x1 for float mode operation.
0x0108, Bits[9:0]
MIN_PERIOD_x
Set the period to accommodate float time plus connect time, in
1 μs increments.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to MOD_WIDTH_x + 1.
0x010A, Bits[10:8],
Bits[14:12]
CHx_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down BPF for Channel 1, Bit 13
to 1 to power down BPF for Channel 2 if Channel 2 is enabled.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to (MOD_OFFSET_x −
INTEG_WIDTH_x – 250 ns).
0x010C, Bits[15:8]
MOD_WIDTH_x
Sets width of connect pulse in 1 μs increments. Typical values
of 2 μs or 3 μs.
0x010C, Bits[7:0]
MOD_OFFSET_x
Sets start time of first connect pulse in 1 μs increments.
0x010D, Bits[7:4]
SUBTRACT_x
In any given sequence of four pulses, negate the math
operation in the selected position. Selections are active high
(that is, subtract if 1) and the LSB of this register maps to the
first pulse. For a float mode sequence, add pulses when the LED
flashes and subtract pulses when the LED is disabled, according
to LED_DISABLE_x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com