Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 82 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 78Page - Analog Devices ADPD4101 Datasheet HTML 79Page - Analog Devices ADPD4101 Datasheet HTML 80Page - Analog Devices ADPD4101 Datasheet HTML 81Page - Analog Devices ADPD4101 Datasheet HTML 82Page - Analog Devices ADPD4101 Datasheet HTML 83Page - Analog Devices ADPD4101 Datasheet HTML 84Page - Analog Devices ADPD4101 Datasheet HTML 85Page - Analog Devices ADPD4101 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 82 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access1
0x001E FIFO_STATUS_BYTES [15:9]
Reserved
Reserved.
0x0
R
8
ENA_STAT_TCX
Enable Channel 1 and Channel 2 TIA ceiling detection
interrupt status byte for Time Slot I through Time Slot L.
This byte contains the interrupt status for the Channel 1
and Channel 2 interrupts for Time Slot I through Time Slot L.
0x0
R
7
ENA_STAT_TC2
Enable Channel 2 TIA ceiling detection interrupt status
byte for Time Slot A through Time Slot H. This byte
contains the interrupt status for the Channel 2 and
Channel 2 interrupts for Time Slot A through Time Slot H.
0x0
R
6
ENA_STAT_TC1
Enable Channel 1 TIA ceiling detection interrupt status
byte for Time Slot A through Time Slot H. This byte
contains the interrupt status for the Channel 1 and
Channel 2 interrupts for Time Slot A through Time Slot H.
0x0
R
5
ENA_STAT_LX
Enable Level 0 and Level 1 interrupt status byte for
Time Slot I through Time Slot L. This byte contains the
interrupt status for the Level 0 and Level 1 interrupts for
Time Slot I through Time Slot L.
0x0
R/W
4
ENA_STAT_L1
Enable Level 1 interrupt status byte for Time Slot A
through Time Slot H. This byte contains the interrupt
status for the Level 1 interrupts for Time Slot A through
Time Slot H.
0x0
R/W
3
ENA_STAT_L0
Enable Level 0 interrupt status byte for Time Slot A
through Time Slot H. This byte contains the interrupt
status for Level Interrupt 0 for Time Slot A through Time
Slot H.
0x0
R/W
2
ENA_STAT_D2
Enable data interrupt status byte for Time Slot I through
Time Slot L. This byte contains the data interrupt status
for Time Slot I through Time Slot L.
0x0
R/W
1
ENA_STAT_D1
Enable data interrupt status byte for Time Slot A through
Time Slot H. This byte is the data interrupt status for Time
Slot A through Time Slot H.
0x0
R/W
0
ENA_STAT_SUM
Enable status summary byte. When enabled, write a
status byte containing the summary pattern to the FIFO
following the last enabled time slot data.
0x0
R/W
1
R/W1C means write 1 to clear.
THRESHOLD SETUP AND CONTROL REGISTERS
Table 32. Threshold Setup and Control Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0006 FIFO_TH
[15:10] Reserved
Reserved.
0x00
R
[9:0]
FIFO_TH
FIFO interrupt generation threshold. Generate FIFO interrupt
during a FIFO write when the number of bytes in the FIFO exceeds
this value. The FIFO is 512 bytes. Therefore, the maximum value for
FIFO_TH is 0x1FF.
0x000 R/W
0x0115 THRESH_CFG_A [15:8]
Reserved
Reserved.
0x0
R
0x0135 THRESH_CFG_B 7
THRESH1_CHAN_x Select channel for Level 1 interrupt.
0x0
R/W
0x0155 THRESH_CFG_C
0: use Channel 1.
0x0175 THRESH_CFG_D
1: use Channel 2.
0x0195 THRESH_CFG_E 6
THRESH1_DIR_x
Direction of comparison for Level 1 interrupt.
0x0
R/W
0x01B5 THRESH_CFG_F
0: set when below Level 1 interrupt threshold.
0x01D5 THRESH_CFG_G
1: set when above Level 1 interrupt threshold.
0x01F5 THRESH_CFG_H [5:4]
THRESH1_TYPE_x
Type of comparison for Level 1 interrupt.
0x0
R/W
0x0215 THRESH_CFG_I
0: off (no comparison).
0x0235 THRESH_CFG_J
1: compare to signal.
0x0255 THRESH_CFG_K
10: compare to dark.
0x0275 THRESH_CFG_L
11: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com