Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 8Page - Analog Devices ADPD4101 Datasheet HTML 9Page - Analog Devices ADPD4101 Datasheet HTML 10Page - Analog Devices ADPD4101 Datasheet HTML 11Page - Analog Devices ADPD4101 Datasheet HTML 12Page - Analog Devices ADPD4101 Datasheet HTML 13Page - Analog Devices ADPD4101 Datasheet HTML 14Page - Analog Devices ADPD4101 Datasheet HTML 15Page - Analog Devices ADPD4101 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 12 of 101
Pin No.
Mnemonic
Type1
Description
E3
IOGND
S
I/O Driver Ground.
E2
DGND
S
Digital Ground.
E1
DVDD1
S
1.8 V Digital Supply.
F5
VC1
AO
Output Voltage Source 1 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
F4
IN1
AI
Current Input 1. If not in use, leave this pin floating.
F3
IN3
AI
Current Input 3. If not in use, leave this pin floating.
F2
IN5
AI
Current Input 5. If not in use, leave this pin floating.
F1
IN7
AI
Current Input 7. If not in use, leave this pin floating.
G5
VC2
AO
Output Voltage Source 2 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
G4
IN2
AI
Current Input 2. If not in use, leave this pin floating.
G3
IN4
AI
Current Input 4. If not in use, leave this pin floating.
G2
IN6
AI
Current Input 6. If not in use, leave this pin floating.
G1
IN8
AI
Current Input 8. If not in use, leave this pin floating.
1
AO means analog output, S means supply, DIO means digital input/output, DI means digital input, DO means digital output, REF means voltage reference, and AI
means analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com