Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 6Page - Analog Devices ADPD4101 Datasheet HTML 7Page - Analog Devices ADPD4101 Datasheet HTML 8Page - Analog Devices ADPD4101 Datasheet HTML 9Page - Analog Devices ADPD4101 Datasheet HTML 10Page - Analog Devices ADPD4101 Datasheet HTML 11Page - Analog Devices ADPD4101 Datasheet HTML 12Page - Analog Devices ADPD4101 Datasheet HTML 13Page - Analog Devices ADPD4101 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 10 of 101
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
A
B
C
D
E
F
LED1A
LED2A
ADPD4100
BOTTOM VIEW, BALL SIDE UP
(Not to Scale)
LGND
LED1B
LED2B
GPIO0
GPIO1
GPIO3
DVDD2
VREF
AGND
IOGND
IN3
IN1
VC1
IOVDD
IN4
IN2
VC2
LED3B
SCLK
DGND
IN5
IN6
GPIO2
MISO
DVDD1
IN7
IN8
LED3A
LED4A
LED4B
AVDD
G
4
5
CS
MOSI
Figure 4. ADPD4100 Pin Configuration
Table 12. ADPD4100 Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A5
LED1A
AO
LED Driver 1A Current Sink. If not in use, leave this pin floating.
A4
LED2A
AO
LED Driver 2A Current Sink. If not in use, leave this pin floating.
A3
LED3A
AO
LED Driver 3A Current Sink. If not in use, leave this pin floating.
A2
LED4A
AO
LED Driver 4A Current Sink. If not in use, leave this pin floating.
A1
LED4B
AO
LED Driver 4B Current Sink. If not in use, leave this pin floating.
B5
LGND
S
LED Driver Ground.
B4
LED1B
AO
LED Driver 1B Current Sink. If not in use, leave this pin floating.
B3
LED2B
AO
LED Driver 2B Current Sink. If not in use, leave this pin floating.
B2
LED3B
AO
LED Driver 3B Current Sink. If not in use, leave this pin floating.
B1
GPIO2
DIO
General-Purpose I/O 2. This pin is used for interrupts and various clocking options.
C5
GPIO0
DIO
General-Purpose I/O 0. This pin is used for interrupts and various clocking options.
C4
GPIO1
DIO
General-Purpose I/O 1. This pin is used for interrupts and various clocking options.
C3
GPIO3
DIO
General-Purpose I/O 3. This pin is used for interrupts and various clocking options.
C2
SCLK
DI
SPI Clock Input.
C1
MISO
DO
SPI Master Input/Slave Output.
D5
AVDD
S
1.8 V Analog Supply.
D4
DVDD2
S
1.8 V Digital Supply.
D3
IOVDD
S
1.8 V/3.3 V I/O Driver Supply.
D2
CS
DI
SPI Chip Select Input.
D1
MOSI
DI
SPI Master Output/Slave Input.
E5
VREF
REF
Internally Generated ADC Voltage Reference. Buffer this pin with a 1 µF capacitor to AGND.
E4
AGND
S
Analog Ground.
E3
IOGND
S
I/O Driver Ground.
E2
DGND
S
Digital Ground.
E1
DVDD1
S
1.8 V Digital Supply.
F5
VC1
AO
Output Voltage Source 1 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
F4
IN1
AI
Current Input 1. If not in use, leave this pin floating.
F3
IN3
AI
Current Input 3. If not in use, leave this pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com