Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 84 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 80Page - Analog Devices ADPD4101 Datasheet HTML 81Page - Analog Devices ADPD4101 Datasheet HTML 82Page - Analog Devices ADPD4101 Datasheet HTML 83Page - Analog Devices ADPD4101 Datasheet HTML 84Page - Analog Devices ADPD4101 Datasheet HTML 85Page - Analog Devices ADPD4101 Datasheet HTML 86Page - Analog Devices ADPD4101 Datasheet HTML 87Page - Analog Devices ADPD4101 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 84 of 101
CLOCK AND TIMESTAMP SETUP AND CONTROL REGISTERS
Table 33. Clock and Timestamp Setup and Control Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0009 OSC32M
[15:8]
Reserved
Reserved.
0x0
R
[7:0]
OSC_32M_FREQ_ADJ
High frequency oscillator frequency control. 0x00 is the lowest
frequency, and 0xFF is maximum frequency.
0x80
R/W
0x000A OSC32M_CAL 15
OSC_32M_CAL_START
Start high frequency oscillator calibration cycle. Writing a 1 to
this bit causes the high frequency oscillator calibration cycle to
occur. 32 MHz oscillator cycles are counted during 128 low
frequency oscillator cycles if using the 1 MHz low frequency
oscillator, or 32 low frequency oscillator cycles if using the
32 kHz low frequency oscillator. The OSC_32M_CAL_COUNT
bits are updated with the count. The calibration circuit clears
the OSC_32M_CAL_START bit when the calibration cycle is
completed.
0x0
R/W
[14:0]
OSC_32M_CAL_COUNT
High frequency oscillator calibration count. These bits contain
the total number of 32 MHz cycles that occurred during the
last high frequency oscillator calibration cycle.
0x0
R
0x000B OSC1M
[15:11] Reserved
Reserved.
0x0
R
10
CLK_CAL_ENA
Enables clock for oscillator calibration. When set to 0 (default),
the oscillator calibration circuitry is disabled. Set this bit to 1 to
turn on the oscillator calibration circuitry.
0x0
R/W
[9:0]
OSC_1M_FREQ_ADJ
Low frequency oscillator frequency control. 0x000 is the lowest
frequency, and 0x3FF is maximum frequency.
0x2B2 R/W
0x000C OSC32K
15
CAPTURE_TIMESTAMP
Enable time stamp capture. This bit is used to activate the time
stamp capture function. When set, the next rising edge on the
time stamp input (defaults to GPIO0) causes a time stamp
capture. This bit is cleared when the time stamp occurs.
0x0
R/W
[14:6]
Reserved
Reserved.
0x0
R
[5:0]
OSC_32K_ADJUST
32 kHz oscillator trim.
0x12
R/W
00 0000: maximum frequency.
01 0010: default frequency.
11 1111: minimum frequency.
0x0011 STAMP_L
[15:0]
TIMESTAMP_COUNT_L
Count at last time stamp. Lower 16 bits.
0x0
R
0x0012 STAMP_H
[15:0]
TIMESTAMP_COUNT_H
Count at last time stamp. Upper 16 bits.
0x0
R
0x0013 STAMPDELTA [15:0]
TIMESTAMP_SLOT_DELTA Count remaining until next time slot start.
0x0
R
SYSTEM REGISTERS
Table 34. System Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0008 CHIP_ID
[15:8]
Version
Mask version.
0x2
R
[7:0]
CHIP_ID
Chip ID.
0xC2 R
0x002E DATA_HOLD_FLAG [15:12] Reserved
Reserved.
0x0
R
11
HOLD_REGS_L
Prevent update of Time Slot L data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
10
HOLD_REGS_K
Prevent update of time Slot K data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
9
HOLD_REGS_J
Prevent update of Time Slot J data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
8
HOLD_REGS_I
Prevent update of Time Slot I data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com