Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 1 Page - Analog Devices

  ADPD4101 Datasheet HTML 1Page - Analog Devices ADPD4101 Datasheet HTML 2Page - Analog Devices ADPD4101 Datasheet HTML 3Page - Analog Devices ADPD4101 Datasheet HTML 4Page - Analog Devices ADPD4101 Datasheet HTML 5Page - Analog Devices ADPD4101 Datasheet HTML 6Page - Analog Devices ADPD4101 Datasheet HTML 7Page - Analog Devices ADPD4101 Datasheet HTML 8Page - Analog Devices ADPD4101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
Multimodal Sensor Front End
Data Sheet
ADPD4100/ADPD4101
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Multimodal analog front end
8 input channels with multiple operation modes for various
sensor measurements
Dual-channel processing with simultaneous sampling
12 programmable time slots for synchronized sensor
measurements
Flexible input multiplexing to support differential and
single-ended sensor measurements
8 LED drivers, 4 of which can be driven simultaneously
Flexible sampling rate from 0.004 Hz to 9 kHz using internal
oscillators
On-chip digital filtering
SNR of transmit and receive signal chain: 100 dB
AC ambient light rejection: 60 dB up to 1 kHz
400 mA total LED peak drive current
Total system power dissipation: 30 µW (combined LED and
AFE power), continuous PPG measurement at 75 dB SNR,
25 Hz ODR, 100 nA/mA CTR
SPI and I2C communications supported
512-byte FIFO size
APPLICATIONS
Wearable health and fitness monitors: heart rate monitors
(HRMs), heart rate variability (HRV), stress, blood pressure
estimation, SpO2, hydration, body composition
Industrial monitoring: CO, CO2, smoke, and aerosol detection
Home patient monitoring
GENERAL DESCRIPTION
The ADPD4100/ADPD4101 operate as a complete multimodal
sensor front end, stimulating up to eight light emitting diodes
(LEDs) and measuring the return signal on up to eight separate
current inputs. Twelve time slots are available, enabling 12 separate
measurements per sampling period.
The data output and functional configuration utilize an I2C
interface on the ADPD4101 or a serial port interface (SPI) on
the ADPD4100. The control circuitry includes flexible LED
signaling and synchronous detection. The devices use a 1.8 V
analog core and 1.8 V/3.3 V compatible digital input/output (I/O).
The analog front end (AFE) rejects signal offsets and corruption
from asynchronous modulated interference, typically from
ambient light, eliminating the need for optical filters or externally
controlled dc cancellation circuitry. Multiple operating modes
are provided, enabling the ADPD4100/ADPD4101 to be a sensor
hub for synchronous measurements of photodiodes, biopotential
electrodes, resistance, capacitance, and temperature sensors. The
multiple operation modes accommodate various sensor measure-
ments, including, but not limited to, photoplethysmography
(PPG), electrocardiography (ECG), electrodermal activity
(EDA), impedance, capacitance, temperature, gas detection,
smoke detection, and aerosol detection for various healthcare,
industrial, and consumer applications.
The ADPD4100/ADPD4101 are available in a 3.11 mm ×
2.14 mm, 0.4 mm pitch, 33-ball WLCSP and 35-ball WLCSP.
FUNCTIONAL BLOCK DIAGRAM
LED4B
LED3B
LED2B
LED1B
LED4A
LED3A
LED2A
LED1A
LED
DRIVERS
LED LEVEL
AND
MUX CONTROL
LGND
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
CH 1 SIGNAL
CONDITIONING
CH 2 SIGNAL
CONDITIONING
TIA_VREF
ADC
VC1
VC2
VOLTAGE
REFERENCES
VREF
VC1
VC2
TIA_VREF
VICM
CS
SCLK
MOSI
MISO
SCL
SDA
GPIO0
GPIO1
GPIO2
GPIO3
AVDD
DVDD1
DVDD2
IOVDD
AGND
DGND
IOGND
VREF
INTEGRATOR
TIMING
INTEGRATOR
TIMING
HIGH
FREQUENCY
AND LOW
FREQUENCY
OSCILLATORS
ADPD4100/ADPD4101
NOTES
1. CS, SCLK, MOSI, AND MISO PINS ARE ON THE ADPD4100.
2. SCL AND SDA PINS ARE ON THE ADPD4101.
3. TIA_VREF IS THE INTERNAL VOLTAGE REFERENCE SIGNAL FOR THE TRANSIMPEDANCE AMPLIFIER.
DIGITAL PROCESSING,
INTERFACE AND
TIMING CONTROL,
FIFO, PROGRAM AND
DATA REGISTERS,
COMMUNICATIONS
Figure 1.


Similar Part No. - ADPD4101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4000BCBZR7 AD-ADPD4000BCBZR7 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4001 AD-ADPD4001 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4001BCBZR7 AD-ADPD4001BCBZR7 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4200 AD-ADPD4200 Datasheet
1Mb / 93P
Multimodal Sensor Front End
Rev. 0
More results

Similar Description - ADPD4101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
8:1 Sensor Interface Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4200 AD-ADPD4200 Datasheet
1Mb / 93P
Multimodal Sensor Front End
Rev. 0
ADPD6000 AD-ADPD6000 Datasheet
1Mb / 89P
Multimodal Sensor Front End
Rev. 0
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com