Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 42 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 38Page - Analog Devices ADPD4101 Datasheet HTML 39Page - Analog Devices ADPD4101 Datasheet HTML 40Page - Analog Devices ADPD4101 Datasheet HTML 41Page - Analog Devices ADPD4101 Datasheet HTML 42Page - Analog Devices ADPD4101 Datasheet HTML 43Page - Analog Devices ADPD4101 Datasheet HTML 44Page - Analog Devices ADPD4101 Datasheet HTML 45Page - Analog Devices ADPD4101 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 42 of 101
TIA ADC MODE
Figure 49 shows TIA ADC mode, which bypasses the BPF and
routes the TIA output through a buffer, directly into the ADC.
TIA ADC mode is useful in applications, such as ambient light
sensing, and measuring other dc signals, such as leakage
resistance. In photodiode measurement applications using the
BPF, all background light is blocked from the signal chain and,
therefore, cannot be measured. TIA ADC mode can measure
the amount of background and ambient light. This mode can also
measure currents from other dc sources, such as leakage
resistance.
TIA
RF
RF
TIA_VREF
INx
BUF
ADC
Figure 49. TIA ADC Mode Block Diagram
When the devices are in TIA ADC mode, the BPF is bypassed
and the integrator stage is reconfigured as a buffer. If both
Channel 1 and Channel 2 are enabled in a single time slot, the
ADC samples Channel 1 and then Channel 2 in sequential
order in 1 µs intervals.
The recommended TIA ADC mode is one in which the BPF is
bypassed and the integrator is configured as an inverting buffer.
This mode is enabled by writing 0x0E6 to AFE_PATH_CFG_x
(Register 0x0101, Bits[8:0] for Time Slot A) to enable a signal
path that includes the TIA, integrator, and ADC. Additionally,
to configure the integrator as a buffer, set INTEG_SETUP_x
(Register 0x010A, Bit 11 for Time Slot A). With the ADC offset
bits, ADC_OFF1_x and ADC_OFF2_x, set to 0 and TIA_VREF
set to 1.265 V, the output of the ADC is at ~3000 codes for a
single pulse and a zero input current condition. As the input
current from the photodiode increases, the ADC output
increases toward 16,384 LSBs.
When configuring the integrator as a buffer, there is the option
of either using a gain of 1 or a gain of 0.7. Using the gain of 0.7
increases the usable dynamic range at the input to the TIA.
However, it is possible to overrange the ADC in this configuration
and care must be taken to not saturate the ADC. To set the buffer
gain, use the CHx_TRIM_INT_x bits. Setting CHx_TRIM_
INT_x to 0x0 or 0x1 sets a gain of 1. Setting CHx_TRIM_INT_x to
0x2 or 0x3 configures the buffer with a gain of 0.7.
Calculate the ADC output (ADCOUT) as follows:
ADCOUT = 8192 − (((2 × TIA_VREF − 2 × IINPUT_TIA × RF −
1.8 V)/146 µV/LSB) × Buffer Gain)
(3)
where:
TIA_VREF is the internal voltage reference signal for the TIA
(the default value is 1.265 V).
IINPUT_TIA is the input current to the TIA.
RF is the TIA feedback resistor.
Buffer Gain is either 0.7 or 1 based on the setting of
CHx_TRIM_INT_x.
Equation 3 is an approximation and does not account for
internal offsets and gain errors. The calculation also assumes
that the ADC offset registers are set to 0.
Configuring one time slot in TIA ADC mode is useful for
monitoring ambient and pulsed signals at the same time. The
ambient signal is monitored during the time slot configured for
TIA ADC mode, while the pulsed signal, with the ambient
signal rejected, is monitored in the time slot configured for
measuring the desired LED pulsed signal.
PROTECTING AGAINST TIA SATURATION IN
NORMAL OPERATION
One concern when operating in high light conditions, especially
with larger photodiodes, is that the TIA stage may become
saturated while the ADPD4100/ADPD4101 continue to
communicate data. The resulting saturation is not typical. The TIA,
based on its settings, can only handle a certain level of photodiode
current. Based on the way the ADPD4100/ADPD4101 are config-
ured, if there is a current level from the photodiode that is larger
than the TIA can handle, the TIA output during the LED pulse
effectively extends the current pulse, making it wider. The AFE
timing is then violated because the positive portion of the BPF
output extends into the negative section of the integration window.
Thus, the photosignal is subtracted from itself, causing the output
signal to decrease when the effective light signal increases.
Protecting Against TIA Saturation in Normal Operation
with TIA ADC Mode
TIA ADC mode monitoring is one of the ways to protect against
environments that may cause saturation. To measure the response
from the TIA and verify that this stage is not saturating, place the
device in TIA ADC mode and slightly modify the timing.
Specifically, sweep INTEG_OFFSET_x until a maximum is
achieved. This procedure aligns the ADC sampling time with
the LED pulse to measure the total amount of light falling on the
photodetector (for example, background light and LED pulse).
If this minimum value is below 16,384 LSBs, the TIA is not
saturated. However, take care, because even if the result is not
16,384 LSBs, operating the device near saturation can quickly
result in saturation if light conditions change. A safe operating
region is typically at ¾ full scale and lower. The ADC resolution
when operating in TIA ADC mode with a buffer gain = 1 is
shown in Table 25. These codes are not the same as in modes
with the BPF and integrator enabled because the BPF and
integrator are not unity-gain elements.
Table 25. ADC Resolution in TIA ADC Mode
TIA Gain (kΩ)
ADC Resolution (nA/LSB)
12.5
5.84
25
2.92
50
1.46
100
0.73
200
0.37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com