Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 94 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 90Page - Analog Devices ADPD4101 Datasheet HTML 91Page - Analog Devices ADPD4101 Datasheet HTML 92Page - Analog Devices ADPD4101 Datasheet HTML 93Page - Analog Devices ADPD4101 Datasheet HTML 94Page - Analog Devices ADPD4101 Datasheet HTML 95Page - Analog Devices ADPD4101 Datasheet HTML 96Page - Analog Devices ADPD4101 Datasheet HTML 97Page - Analog Devices ADPD4101 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 94 of 101
AFE TIMING SETUP REGISTERS
Table 37. AFE Timing Setup Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0107 COUNTS_A
[15:8]
NUM_INT_x
Number of ADC cycles or acquisition width. Number of analog
integration cycles per ADC conversion or the acquisition width
for digital integration and impulse mode. A setting of 0 is not
allowed.
0x1
R/W
0x0127 COUNTS_B
0x0147 COUNTS_C
0x0167 COUNTS_D
0x0187 COUNTS_E
[7:0]
NUM_REPEAT_x
Number of sequence repeats. Total number of pulses =
NUM_INT_x × NUM_REPEAT_x. A setting of 0 is not allowed.
0x1
R/W
0x01A7 COUNTS_F
0x01C7 COUNTS_G
0x01E7 COUNTS_H
0x0207 COUNTS_I
0x0227 COUNTS_J
0x0247 COUNTS_K
0x0267 COUNTS_L
0x0108 PERIOD_A
[15:14] Reserved
Reserved.
0x0
R
0x0128 PERIOD_B
[13:12] MOD_TYPE_x
Modulation connection type.
0x0
R/W
0x0148 PERIOD_C
00: TIA is continuously connected to input after precondition.
No connection modulation.
0x0168 PERIOD_D
0x0188 PERIOD_E
01: float type operation. Pulse connection from input to TIA
with modulation pulse, floating between pulses.
0x01A8 PERIOD_F
0x01C8 PERIOD_G
10: nonfloat type connection modulation. Pulse connection
from input to TIA. Connect to precondition value between
pulses.
0x01E8 PERIOD_H
0x0208 PERIOD_I
0x0228 PERIOD_J
[11:10] Reserved
Reserved.
0x0
R
0x0248 PERIOD_K
[9:0]
MIN_PERIOD_x
Minimum period for pulse repetition in μs. Override for the
automatically calculated period. Used in float type operations
to set the float time of second and subsequent floats using the
formula: Float Time = MIN_PERIOD_x − MOD_WIDTH_x.
0x0
R/W
0x0268 PERIOD_L
0x010A INTEG_SETUP_A 15
SINGLE_INTEG_x
Use single integrator pulse.
0x0
R/W
0x012A INTEG_SETUP_B
0: use both generated integrator clocks.
0x014A INTEG_SETUP_C
1: skip the second integrator clock.
0x016A INTEG_SETUP_D [14:12] CH2_AMP_DISABLE_x Amplifier disables for power control. Set the appropriate bit to
0x0
R/W
0x018A INTEG_SETUP_E
disable the Channel 2 amplifier in Time Slot x.
0x01AA INTEG_SETUP_F
0: TIA.
0x01CA INTEG_SETUP_G
1: BPF.
0x01EA INTEG_SETUP_H
2: integrator.
0x020A INTEG_SETUP_I
11
AFE_INT_C_BUF_x
Set to 1 to configure the integrator as a buffer in Time Slot x.
0x0
R/W
0x022A INTEG_SETUP_J [10:8]
CH1_AMP_DISABLE_x Amplifier disables for power control. Set the appropriate bit to
disable the Channel 1 amplifier in Time Slot x.
0x0
R/W
0x024A INTEG_SETUP_K
0x026A INTEG_SETUP_L
0: TIA.
1: BPF.
2: integrator.
[7:6]
ADC_COUNT_x
ADC conversions per pulse. Number of conversions =
ADC_COUNT + 1.
0x0
R/W
5
Reserved
Reserved.
0x0
R
[4:0]
INTEG_WIDTH_A
Integrator clock width in μs. Must be >0.
0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com