Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 28 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 24Page - Analog Devices ADPD4101 Datasheet HTML 25Page - Analog Devices ADPD4101 Datasheet HTML 26Page - Analog Devices ADPD4101 Datasheet HTML 27Page - Analog Devices ADPD4101 Datasheet HTML 28Page - Analog Devices ADPD4101 Datasheet HTML 29Page - Analog Devices ADPD4101 Datasheet HTML 30Page - Analog Devices ADPD4101 Datasheet HTML 31Page - Analog Devices ADPD4101 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 28 of 101
APPLICATIONS INFORMATION
OPERATING MODE OVERVIEW
The ADPD4100/ADPD4101 are effectively charge measuring
devices that can interface with many different sensors, enabling
optical and electrical measurements in various healthcare,
industrial and consumer applications, such as PPG, ECG, EDA,
impedance, capacitance, and temperature measurements, and
gas, smoke, and aerosol detection. A selection of operating
modes are built into the device to optimize each of the different
sensor measurements supported.
ANALOG INTEGRATION MODE
Analog integration mode refers to the modes of operation
where the incoming charge from the sensor response to a
stimulus event is integrated by the integrator in the
ADPD4100/ADPD4101. There are several different analog
integration modes, including continuous connect mode, float
mode, pulse connect modulation, modulation of stimulus
source, multiple integration mode, and sleep float mode.
There is also a digital integration mode, where the integrator is
configured as a buffer and the ADC samples are digitally
integrated (see the Digital Integration Mode section for more
information).
Connection Modulation Types
The ADPD4100/ADPD4101 use three different types of modula-
tion connections to a sensor, controlled by the MOD_TYPE_x
bits. Table 17 shows the different functions controlled by MOD_
TYPE_x. The default mode of operation is MOD_TYPE_x = 0,
where there is no modulation of the input connection, and is
the mode used as described in the Continuous Connect Mode
section.
Table 17. Modulation Connections Based on MOD_TYPE_x
MOD_TYPE_x
(Decimal)
Connect Function
0
TIA is continuously connected to INx after the
precondition period. There is no modulation of
the input connection.
1
Float mode operation. The TIA is connected to
INx only during the modulation pulse and
disconnected (floated) between pulses.
2
Nonfloat mode connection modulation. The
TIA is connected to INx during the modulation
pulse and connected to the precondition value
between pulses.
Continuous Connect Mode
Continuous connect mode is used for a single analog integration
of incoming charge per ADC conversion and is the most common
operating mode for the ADPD4100/ADPD4101. In continuous
connect mode, most of the dynamic range of the integrator is
used when integrating the charge from the sensor response to a
single stimulus event, for example, an LED pulse. The TIA is
continuously connected to the inputs after the precondition
period by setting MOD_TYPE_x to 0. Therefore, the input
connection is not modulated in continuous connect mode.
Continuous connect mode is the typical operating mode used
for a PPG measurement, where an LED is pulsed into human
tissue and the resultant charge from the photodiode response is
integrated and subsequently converted by the ADC. Figure 34
shows an example of a typical PPG measurement circuit.
TIA
ADC
BPF
RF
RINT
6.3pF
6.3pF
TIA_VREF
SWITCH
VLED1
CVLED
VCx
INx
LEDx
RF
RINT
Figure 34. Typical PPG Measurement Circuit
Set the PRECON_x bits to 0x5 to set the anode of the photodiode
to the TIA_VREF potential during the preconditioning period.
The VCx pin is connected to the cathode of the photodiode and
is set to TIA_VREF + 215 mV to apply a 215 mV reverse bias
across the photodiode, which reduces the photodiode capacitance
and reduces the noise of the signal path. Set TIA_VREF to
1.27 V using the AFE_TRIM_VREF_x bits for maximum
dynamic range.
The LED pulse is controlled with the LED_OFFSET_x and LED_
WIDTH_x bits. The default LED offset (LED_OFFSET_x =
0x10) is 16 μs from the end of the preconditioning period and is
suitable for most use cases. Recommended LED pulse width is 2
μs when using the BPF. Short LED pulse widths provide the
greatest amount of ambient light rejection and the lowest power
dissipation. The period is automatically calculated by the
ADPD4100/ADPD4101. The automatic calculation is based on
the integration width selected and the number of ADC conver-
sions. To use the automatic calculation, leave the MIN_PERIOD_x
bits at its default value of 0. If a longer period is desired, for
example, if a specific pulse frequency is desired, use the
MIN_PERIOD_x bits to enable a longer period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com