Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 35 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 31Page - Analog Devices ADPD4101 Datasheet HTML 32Page - Analog Devices ADPD4101 Datasheet HTML 33Page - Analog Devices ADPD4101 Datasheet HTML 34Page - Analog Devices ADPD4101 Datasheet HTML 35Page - Analog Devices ADPD4101 Datasheet HTML 36Page - Analog Devices ADPD4101 Datasheet HTML 37Page - Analog Devices ADPD4101 Datasheet HTML 38Page - Analog Devices ADPD4101 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 35 of 101
Pulse Connect Modulation
Pulse connect modulation is useful for ambient light measure-
ments or any other sensor measurements that do not require a
synchronous stimulus. This mode works by preconditioning the
sensor to some level selected by the PRECON_x bits and then
only connecting the sensor to the input of the TIA during the
modulation pulse. When not connected to the TIA, the sensor
is connected to a low input impedance node at the TIA_VREF
voltage. Any sensor current during this time is directed into the
AFE. Therefore, no charge accumulates on the sensor. This lack of
charge accumulation is in contrast to float mode, which fully
disconnects the sensor between modulation pulses. The
MOD_TYPE_x bits must be set to 0x2 for pulse connect mode.
The advantage of using this mode for nonsynchronous sensor
measurements is that it allows the user to take advantage of the
noise performance benefits of the full signal path using the BPF
and integrator. Figure 40 shows a timing diagram for pulse
connect modulation type measurements.
Modulation of Stimulus Source
The ADPD4100/ADPD4101 have operating modes that
modulate the VC1 and VC2 signals. These modes are useful for
providing a pulsed stimulus to the sensor being measured. For
example, a bioimpedance measurement can be made where one
electrode to the human is being pulsed by the VC1 or VC2
output and the response is measured on a second electrode
connected to the TIA input. This mode is also useful for a
capacitance measurement, as shown in Figure 39, where one of
the VCx pins is connected to one side of the capacitor and the
other side is connected to the TIA input.
TIA
RF
RF
TIA_VREF
INx
VCx
C
INT
RINT
RINT
Figure 39. Modulate Stimulus for Capacitance Measurement
The BPF is bypassed for this measurement. When a stimulus
pulse is provided on the VCx pin, the capacitor response is a
positive spike on the rising edge that then settles back toward
TIA_VREF, followed by a negative spike on the falling edge of
the stimulus pulse. The integration sequence is centered such
that the positive and negative integration sequences completely
integrate the charge from the positive and negative TIA
responses, respectively (see Figure 41).
Pulsing of the VC1 and VC2 pins is controlled by the
VCx_PULSE_x, VCx_ALT_x, and VCx_SEL_x bits while
timing of the modulation is controlled by the MOD_OFFSET_x
and MOD_WIDTH_x bits. Table 21 shows the relevant registers
for modulating the stimulus to the sensor.
Mutual Capacitance-Based Proximity Measurement
One of the applications of the ADPD4100/ADPD4101 based on
capacitance measurement is the proximity measurement. A
mutual capacitance-based proximity measurement application,
for example, is based on modulation of the stimulus source in
principle, and is shown in Figure 39. However, this application
requires two electrodes along with the circuit shown in Figure 39,
one of which is connected to an input of the ADPD4100/
ADPD4101 and the other connected to VC1 or VC2. The
capacitor between INx and VCx, in this case, is the representation
of the capacitance formed between two electrodes, instead of a
physical capacitor.
A proximity event represents the proximity of tissue to the two
electrodes mentioned. At the proximity event, a capacitance of
ΔC is formed between the electrodes and human tissue. ΔC varies
due to the varying proximity of tissue to the electrodes. Therefore,
total capacitance, which is the sum of the capacitance of the
capacitance between two electrodes represented as C and the
capacitance ΔC formed between human tissue and the electrode,
changes.
PRECONDITION
SENSOR
CONNECT TIA
TO SENSOR
+
–
+
–
INTEGRATOR
SEQUENCE
ADC CHANNEL 1
ADC CHANNEL 2
(IF ENABLED)
START OF TIME SLOT
MOD_OFFSET_x
PERIOD
(AUTOMATICALLY CALCULATED)
MOD_WIDTH_x
INTEG_OFFSET_x
INTEG_WIDTH_x
TIA OUTPUT
BPF OUTPUT
INTEGRATOR
OUTPUT
REPEAT NUM_REPEAT_x TIMES
PRE_WIDTH_x
(DEFAULT 8µs)
CONVERSION(S)
Figure 40. Timing Diagram for Pulse Connect Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com