Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 9Page - Analog Devices ADPD4101 Datasheet HTML 10Page - Analog Devices ADPD4101 Datasheet HTML 11Page - Analog Devices ADPD4101 Datasheet HTML 12Page - Analog Devices ADPD4101 Datasheet HTML 13Page - Analog Devices ADPD4101 Datasheet HTML 14Page - Analog Devices ADPD4101 Datasheet HTML 15Page - Analog Devices ADPD4101 Datasheet HTML 16Page - Analog Devices ADPD4101 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 13 of 101
TYPICAL PERFORMANCE CHARACTERISTICS
0.20
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LED1A DRIVER COMPLIANCE (V)
LED_CURRENT1_x 0x4A = 120mA
LED_CURRENT1_x 0x19 = 40mA
LED_CURRENT1_x 0x7F = 200mA
LED_CURRENT1_x 0x7 = 10mA
Figure 6. LED Driver Current vs. LED1A Driver Compliance at LED_CURRENT1_x =
0x7 (10 mA), 0x19 (40 mA), 0x4A (120 mA), and 0x7F (200 mA)
0
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 7. AC PSRR vs. Frequency
9
0
1
2
3
4
5
6
7
8
0
40
100
80
60
20
180
160
120
140
200
TIA GAIN (kΩ)
Figure 8. Input Referred Noise vs. TIA Gain, CPD = 70 pF, Integrator Input
Resistor = 400 kΩ
9
0
1
2
3
4
5
6
7
8
0
200
500
400
300
100
900
800
600
700
1000
INPUT CAPACITANCE (pF)
200kΩ GAIN
100kΩ GAIN
50kΩ GAIN
25kΩ GAIN
12.5kΩ GAIN
Figure 9. Input Referred Noise vs. Input Capacitance,
Integrator Input Resistor = 400 kΩ
96
76
78
80
82
84
86
88
90
92
94
1
10
100
NUMBER OF LED PULSES
50kΩ GAIN
100kΩ GAIN
200kΩ GAIN
Figure 10. SNR vs. Number of LED Pulses in Continuous Connect Mode,
CPD = 70 pF, Integrator Input Resistor = 400 kΩ, 90% Full Scale
10000
10
100
1000
76
78
80
82
86
84
88
90
92
96
94
SNR (dB)
50kΩ GAIN
100kΩ GAIN
200kΩ GAIN
Figure 11. Total Power Consumption vs SNR in Continuous Connect Mode
Including LED Power, CPD = 70 pF, Integrator Input Resistor = 400 kΩ, ODR =
25 Hz, CTR = 150 nA/mA, LED Supply Voltage = 4 V, 90% of Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com