Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 21Page - Analog Devices ADPD4101 Datasheet HTML 22Page - Analog Devices ADPD4101 Datasheet HTML 23Page - Analog Devices ADPD4101 Datasheet HTML 24Page - Analog Devices ADPD4101 Datasheet HTML 25Page - Analog Devices ADPD4101 Datasheet HTML 26Page - Analog Devices ADPD4101 Datasheet HTML 27Page - Analog Devices ADPD4101 Datasheet HTML 28Page - Analog Devices ADPD4101 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 25 of 101
Optional Status Bytes
There is an option to append each data packet with status bits. This
option is useful for hosts that cannot spare an interrupt channel
to service. The status bytes can each be individually selected in
the FIFO_STATUS_BYTES register. Each bit in the FIFO_
STATUS_BYTES register enables a status byte that is appended
to the data packet in the FIFO. If any bit in the FIFO_STATUS_
BYTES register is set to 1, the byte that is appended to the data
packet contains the status bits, as shown in Table 16. Table 16
shows the order, enable bit, and contents of each status byte.
The 4-bit sequence number cycles from 0 to 15 and is
incremented with a wraparound every time the time slot
sequence completes. This sequence number can also be made
available bitwise on the GPIOx pins.
Interrupt Outputs, Interrupt X and Interrupt Y
The ADPD4100/ADPD4101 support two separate interrupt
outputs, Interrupt X and Interrupt Y. Each interrupt has the option
to be driven to any of the four GPIOx pins. The two different
interrupt outputs can be generated for a host processor if desired.
For example, the FIFO threshold interrupt, INT_FIFO_TH, can
be routed to Interrupt X and used to drive the direct memory
access (DMA) channel of the host, while the INT_FIFO_OFLOW
and INT_FIFO_UFLOW interrupts can be routed to Interrupt
Y and used to drive an additional host interrupt pin. Another
example case includes routing the data interrupt from a single
time slot to Interrupt X and the FIFO threshold interrupt to
Interrupt Y. The host receives one interrupt when the interrupt
of that particular channel occurs and the host can then read
that register directly. Interrupt Y, in this case, is handled by the
host with DMA or with an interrupt. Each of the different
interrupt status bits can be routed to Interrupt X or Interrupt Y,
or both.
For each interrupt, there is an associated Interrupt X and
Interrupt Y enable bit. See Table 31 for a full list of available
interrupts that can be brought out on Interrupt X and Interrupt Y.
The logic for the Interrupt X and Interrupt Y function is a logic
AND of the status bit with its matching enable bit. All enabled
status bits are then logically OR’ed to create the interrupt
function. The enable bits do not affect the status bits.
General-Purpose I/Os
The ADPD4100/ADPD4101 provide four general-purpose I/O
pins: GPIO0, GPIO1, GPIO2, and GPIO3. These GPIOs can be
used as previously described in the Interrupt Outputs, Interrupt
X and Interrupt Y section for interrupt outputs or for providing
external clock signals to the device. The GPIOs can also be used
for many different control signals, as synchronization controls
to external devices, as well as test signals that are useful during
system debugging. All of the available signals that can be
brought out on a GPIOx pin are listed in Table 35.
IOVDD Supply Voltage Consideration
The ADPD4100/ADPD4101 can operate with IOVDD as low as
1.7 V and as high as 3.6 V. LOW_IOVDD_EN in Register 0x00B4
is set to 0x1 for IOVDD lower than 3 V. 0x1 is the default value
for this bit because the typical IOVDD value is 1.8 V.
If 3 V or higher is supplied for IOVDD, the LOW_IOVDD_EN
bit must be set to 0x0 for proper operation.
Table 16. FIFO Status Byte Order and Contents
Byte Order
Enable Bit
Contents1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
ENA_STAT_SUM
0
0
Any LEV1_x
Any LEV0_x
4-bit sequence
1
ENA_STAT_D1
DATA_H
DATA_G
DATA_F
DATA_E
DATA_D
DATA_C
DATA_B
DATA_A
2
ENA_STAT_D2
0
0
0
0
DATA_L
DATA_K
DATA_J
DATA_I
3
ENA_STAT_L0
LEV0_H
LEV0_G
LEV0_F
LEV0_E
LEV0_D
LEV0_C
LEV0_B
LEV0_A
4
ENA_STAT_L1
LEV1_H
LEV1_G
LEV1_F
LEV1_E
LEV1_D
LEV1_C
LEV1_B
LEV1_A
5
ENA_STAT_LX
LEV1_L
LEV1_K
LEV1_J
LEV1_I
LEV0_L
LEV0_K
LEV0_J
LEV0_I
6
ENA_STAT_TC12
TCLN1_H
TCLN1_G
TCLN1_F
TCLN1_E
TCLN1_D
TCLN1_C
TCLN1_B
TCLN1_A
7
ENA_STAT_TC22
TCLN2_H
TCLN2_G
TCLN2_F
TCLN2_E
TCLN2_D
TCLN2_C
TCLN2_B
TCLN2_A
8
ENA_STAT_TCX2
TCLN2_L
TCLN2_K
TCLN2_J
TCLN2_I
TCLN1_L
TCLN1_K
TCLN1_J
TCLN1_I
1
DATA_x refers to the data register interrupts for the corresponding time slot. LEV0_x and LEV1_x refer to Level 0 and Level 1 time slot interrupts, respectively, for
Time Slot A through Time Slot L.
2
These status bytes are associated with TIA ceiling detection. See the Protecting Against TIA Saturation with TIA Ceiling Detection section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com