Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 39 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 35Page - Analog Devices ADPD4101 Datasheet HTML 36Page - Analog Devices ADPD4101 Datasheet HTML 37Page - Analog Devices ADPD4101 Datasheet HTML 38Page - Analog Devices ADPD4101 Datasheet HTML 39Page - Analog Devices ADPD4101 Datasheet HTML 40Page - Analog Devices ADPD4101 Datasheet HTML 41Page - Analog Devices ADPD4101 Datasheet HTML 42Page - Analog Devices ADPD4101 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 39 of 101
PRECONDITION
LED
INTEGRATOR
SEQUENCE
ADC CONVERT
START OF TIME SLOT
LED_OFFSET_x
LED_WIDTH_x
TIA OUTPUT
BPF OUTPUT
INTEGRATOR
OUTPUT
NUM_REPEAT_x TIMES
+
–
NUM_INT_x
INTEG_OFFSET_x
INTEG_WIDTH_x
CALCULATED
PERIOD
PRE_WIDTH_x
(DEFAULT 8µs)
+
–
+
–
+
–
Figure 44. Multiple Integration Mode with LED as Stimulus
Table 23. Relevant Settings for Multiple Integration Mode
Group
Time Slot A
Register Address1
Bit Field Name
Description
Multiple Integration
Mode Using LED as
Stimulus
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0DA for TIA, BPF, integrator, and ADC.
0x0102, Bits[15:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x5 to precondition anode of the photodiode to
TIA_VREF.
0x0103, Bits[7:6], Bits[1:0]
VCx_SEL_x
Set to 0x2 to set ~215 mV reverse bias across photodiode.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Set the TIA gain to 200 kΩ.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x3 to set TIA_VREF = 1.27 V for maximum dynamic
range.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0 for continuous TIA connection to inputs following
preconditioning.
Timing
0x0107, Bits[15:8]
NUM_INT_x
Set to a number that utilizes most of the dynamic range of
integrator available, leaving some margin for fluctuations in
input level.
0x0107, Bits[7:0]
NUM_REPEAT_x
Set NUM_REPEAT_x to the number of times to repeat the
multiple integration sequence. SNR increases by a factor of
√(NUM_REPEAT_x). Total number of pulses is equal to
NUM_REPEAT_x × NUM_INT_x.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to LED_WIDTH_x + 1.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time = INTEG_OFFSET_x. Optimize as
described in the Optimizing Position of Integration Sequence
section.
LED Settings
0x0105, Bit 15 and Bit 7;
0x0106, Bit 15 and Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0105, Bits[14:8], Bits[6:0];
0x0106, Bits[14:8], Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
Integrator Chop Mode
0x010D, Bits[7:4]
SUBTRACT_x
Four-pulse subtract pattern. Set to 1 to negate the math
operation in the matching position in a group of four pulses.
The LSB maps to the first pulse.
0x010D, Bits[3:0]
REVERSE_INTEG_x
Four-pulse integration reverse pattern. Set to 1 to reverse the
integrator positive and negative pulse order in the matching
position in a group of four pulses. The LSB maps to the first
pulse.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120, For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com