Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 18Page - Analog Devices ADPD4101 Datasheet HTML 19Page - Analog Devices ADPD4101 Datasheet HTML 20Page - Analog Devices ADPD4101 Datasheet HTML 21Page - Analog Devices ADPD4101 Datasheet HTML 22Page - Analog Devices ADPD4101 Datasheet HTML 23Page - Analog Devices ADPD4101 Datasheet HTML 24Page - Analog Devices ADPD4101 Datasheet HTML 25Page - Analog Devices ADPD4101 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 22 of 101
TIME STAMP OPERATION
The time stamp feature is useful for calibration of the low fre-
quency oscillator as well as providing the host with timing
information during time slot operation. Timestamping is sup-
ported by the use of any GPIO as a time stamp request input,
the CAPTURE_TIMESTAMP bit to enable capture of the time
stamp trigger, a time counter running in the low frequency
oscillator domain, and two output registers. The output bits include
TIMESTAMP_COUNT_x, which holds the number of low
frequency oscillator cycles between time stamp triggers, and
TIMESTAMP_SLOT_DELTA, which holds the number of low
frequency oscillator cycles remaining to the next time slot start.
The setup for using the time stamp operation is as follows:
1. Set CLK_CAL_ENA = 1 to enable the oscillator calibration
circuitry.
2. Configure a GPIO to support the time stamp input using the
appropriate GPIO_PIN_CFGx bits. Select the matching
GPIOx to provide the time stamp using the TIMESTAMP_
GPIO bits.
3. Configure the ADPD4100/ADPD4101 for operation and
enable the low frequency oscillator.
4. If the TIMESTAMP_SLOT_DELTA function is desired,
start the time slot operation by placing the device in go
mode using the OP_MODE bit (see Table 15). For low
frequency oscillator calibration, it is only required that the
low frequency oscillator be enabled. The device does not
have to be in go mode for low frequency oscillator
calibration.
Use the following procedure to capture the time stamp:
1. Set the CAPTURE_TIMESTAMP bit to 1 to enable the
capture of the time stamp on the next rising edge of the
selected GPIOx input.
2. The host provides the initial time stamp trigger on the
selected GPIOx at an appropriate time.
3. The CAPTURE_TIMESTAMP bit is cleared when the
time stamp signal is captured unless the TIMESTAMP_
ALWAYS_EN bit is set, in which case, the capture of the
time stamp is always enabled. Reenable the capture if
necessary.
4. The host provides a subsequent time stamp trigger on the
selected GPIO at an appropriate time.
5. The number of low frequency oscillator cycles that
occurred between time stamp triggers can be read from the
TIMESTAMP_COUNT_x bits.
The host must continue to handle the FIFO and/or data register
data normally during time stamp processing.
If using a dedicated pin for a time stamp that does not have
transitions other than the time stamp, set the TIMESTAMP_
ALWAYS_EN bit to avoid automatic clearing of the CAPTURE_
TIMESTAMP bit. This setting removes the need to enable the
time stamp capture each time.
The time stamp can calibrate the low frequency oscillator as
described in the Low Frequency Oscillator Calibration section.
The host can also use TIMESTAMP_SLOT_DELTA to determine
when the next time slot occurs. TIMESTAMP_SLOT_DELTA
can determine the arrival time of the samples currently in the
FIFO. TIMESTAMP_SLOT_DELTA does not account for the
decimation factor.
The time stamp trigger is edge sensitive and can be set to either
trigger on the rising edge (default) or falling edge using
TIMESTAMP_INV.
LOW FREQUENCY OSCILLATOR CALIBRATION
The time stamp circuitry can calibrate either the 32 kHz or
1 MHz low frequency oscillator circuit by adjusting the
frequency to match the timing of the time stamp triggers.
Simply compare the TIMESTAMP_COUNT_x value in low
frequency oscillator cycles to the actual time stamp trigger
period and adjust the OSC_32K_ADJUST or OSC_1M_FREQ_
ADJ value accordingly.
HIGH FREQUENCY OSCILLATOR CALIBRATION
The high frequency oscillator is calibrated by comparing
multiples of its cycles with multiple cycles of the low frequency
oscillator, which is calibrated to the system time. Calibration of
the low frequency oscillator precedes calibration of the high
frequency oscillator. The method for calibrating the high
frequency oscillator is as follows:
1. Set CLK_CAL_ENA = 1 to enable the oscillator calibration
circuitry.
2. Write 1 to the OSC_32M_CAL_START bit.
3. The ADPD4100/ADPD4101 automatically power up the
high frequency oscillator.
4. The device automatically waits for the high frequency
oscillator to be stable.
5. An internal counter automatically counts the number of
32 MHz high frequency oscillations that occur during
128 cycles of the 1 MHz low frequency oscillator or
4 cycles of the 32 kHz low frequency oscillator, depending
on which low frequency oscillator is enabled based on the
setting of the LFOSC_SEL bit.
6. The OSC_32M_CAL_COUNT bits are updated with the
final count.
7. The 32 MHz oscillator automatically powers down
following calibration unless time slots are active.
8. The device resets the OSC_32M_CAL_START bit
indicating the count has been updated.
The OSC_32M_FREQ_ADJ bits adjust the frequency of the
32 MHz oscillator to the desired frequency. When using an external
low frequency oscillator, the 32 MHz oscillator calibration is per-
formed with respect to the externally provided low frequency
oscillator.
Note that when the calibrations of the low frequency and high
frequency oscillators are complete, set CLK_CAL_ENA = 0 to
disable the clocking of the oscillator calibration circuitry to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com