Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 72 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 68Page - Analog Devices ADPD4101 Datasheet HTML 69Page - Analog Devices ADPD4101 Datasheet HTML 70Page - Analog Devices ADPD4101 Datasheet HTML 71Page - Analog Devices ADPD4101 Datasheet HTML 72Page - Analog Devices ADPD4101 Datasheet HTML 73Page - Analog Devices ADPD4101 Datasheet HTML 74Page - Analog Devices ADPD4101 Datasheet HTML 75Page - Analog Devices ADPD4101 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 72 of 101
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x7: IN1 connected to VC2. IN2 connected to VC1.
0x8: IN1 floating. IN2 connected to VC1.
0x9: IN1 floating. IN2 connected to VC2.
0x0021 INPUT_CFG
[15:8]
Reserved
Reserved.
0x0
R
[7:6]
VC2_SLEEP
VC2 sleep state.
0x0
R/W
0: VC2 set to AVDD during sleep.
1: VC2 set to ground during sleep.
10: VC2 floating during sleep.
[5:4]
VC1_SLEEP
VC1 sleep state.
0x0
R/W
0: VC1 set to AVDD during sleep.
1: VC1 set to ground during sleep.
10: VC1 floating during sleep.
3
PAIR78
Input pair configuration.
0x0
R/W
0: IN7 and IN8 configured as two single-ended inputs.
1: IN7 and IN8 configured as a differential pair.
2
PAIR56
Input pair configuration.
0x0
R/W
0: IN5 and IN6 configured as two single-ended inputs.
1: IN5 and IN6 configured as a differential pair.
1
PAIR34
Input pair configuration.
0x0
R/W
0: IN3 and IN4 configured as two single-ended inputs.
1: IN3 and IN4 configured as a differential pair.
0
PAIR12
Input pair configuration.
0x0
R/W
0: IN1 and IN2 configured as two single-ended inputs.
1: IN1 and IN2 configured as a differential pair.
INTERRUPT STATUS AND CONTROL REGISTERS
Table 31. Interrupt Status and Control Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access1
0x0000 FIFO_STATUS
15
CLEAR_FIFO
Clear FIFO. Write a 1 to empty the FIFO while the FIFO is
not being accessed. This resets FIFO_BYTE_COUNT and
clears the INT_FIFO_OFLOW, INT_FIFO_UFLOW, and
INT_FIFO_TH status bits.
0x0
R/W1C
14
INT_FIFO_UFLOW
FIFO underflow error. This bit is set when the FIFO is read
while empty. Write 1 to this bit to clear the interrupt. This
bit is also cleared if the FIFO is cleared using the
CLEAR_FIFO bit.
0x0
R/W1C
13
INT_FIFO_OFLOW
FIFO overflow error. This bit is set when data was not
written to the FIFO due to lack of space. Write 1 to this bit
to clear the interrupt. This bit is also cleared if the FIFO is
cleared with the CLEAR_FIFO bit.
0x0
R/W1C
[12:11] Reserved
Reserved.
0x0
R
[10:0]
FIFO_BYTE_COUNT
This field indicates the number of bytes in the FIFO.
0x0
R
0x0001 INT_STATUS_DATA
15
INT_FIFO_TH
FIFO_TH interrupt status. This bit is set during a FIFO
write when the number of bytes in the FIFO exceeds the
FIFO_TH register value. Write 1 to this bit to clear this
interrupt. This bit can also be automatically cleared when
the FIFO_DATA register is read if the INT_ACLEAR_FIFO
bit is set.
0x0
R/W1C
[14:12] Reserved
Reserved.
0x0
R
11
INT_DATA_L
Time Slot L data register interrupt status. This bit is set
every time the Time Slot L data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot L data registers
are read if the INT_ACLEAR_DATA_L bit is set.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com