Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 36 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 32Page - Analog Devices ADPD4101 Datasheet HTML 33Page - Analog Devices ADPD4101 Datasheet HTML 34Page - Analog Devices ADPD4101 Datasheet HTML 35Page - Analog Devices ADPD4101 Datasheet HTML 36Page - Analog Devices ADPD4101 Datasheet HTML 37Page - Analog Devices ADPD4101 Datasheet HTML 38Page - Analog Devices ADPD4101 Datasheet HTML 39Page - Analog Devices ADPD4101 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 36 of 101
One can determine the changing proximity by reading the
change in ADC output when ΔC is induced through the change
in the proximity of the human tissue. To be able to determine
proximity, baseline measurement without tissue in proximity
must be taken either at the same input or at another input with
an electrode attached and configured the same way.
Integrator timing width must be long enough to allow the
positive TIA response to fully settle before the negative edge of
the TIA response occurs. Also, as shown in Figure 41, the
integration timing must be centered so that the positive and
negative integration sequences completely integrate the charge
from the positive and negative TIA responses, which is essential
to integrate the maximum ac charge.
Then, ΔC is proportionate to the change in ADC output, which
is a function of the charge integrated, read at the proximity
event. For example, when VC2 is pulsed by 215 mV by setting
VC2_PULSE_x to 2, VC2_ALT_x to 2, and VC2_SEL_x to 2,
ΔC is calculated as follows:
ΔC = (−Δ(ADC Output in LSB) × 0.92 fC/LSB ×
(RINT/2RF)/Number of Pulses)/(2 × 0.215 V)
Table 21 shows the relevant registers for this measurement.
PRECONDITION
SENSOR
MODULATE
STIMULUS
+–
INTEGRATION
SEQUENCE
ADC CHANNEL 1
START OF TIME SLOT
MOD_OFFSET_x
MOD_WIDTH_x
INTEG_OFFSET_x
INTEG_WIDTH_x
TIA OUTPUT
INTEGRATOR
OUTPUT
PERIOD
(AUTOMATICALLY CALCULATED)
+–
PRE_WIDTH_x
(DEFAULT 8µs)
Figure 41. Timing Diagram for Modulate Stimulus Operation
Table 21. Modulate Stimulus Settings
Group
Time Slot A
Register Address1
Bit Field Name
Description
Modulate Stimulus
Setup
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF.
0x0102, Bits[15:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x5 to precondition sensor to TIA_VREF.
0x0103, Bits[11:10], Bits[5:4]
VCx_PULSE_x
VCx pulse control. Set to 0x2 to pulse to the alternate voltage during a
modulation pulse.
0x0103, Bits[9:8], Bits[3:2]
VCx_ALT_x
Select the alternate state for VCx during the modulation pulse.
0x0103, Bits[7:6], Bits[1:0]
VCx_SEL_x
Set to 0x1 to set VCx to TIA_VREF as primary state.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Modulate Stimulus
Timing
0x010C, Bits[7:0]
MOD_OFFSET_x
Sets start time of first modulation pulse in 1 μs increments.
0x010C, Bits[15:8]
MOD_WIDTH_x
Sets width of modulation pulse in 1 μs increments. Typical values of 6 μs to
12 μs.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in μs. Set to MOD_WIDTH_x + 1 or MOD_WIDTH_x + 2.
0x010A, Bits[10:8], Bits[14:12]
CHx_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down BPF for Channel 1, Bit 13 to 1 to power
down BPF for Channel 2 if Channel 2 is enabled.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to MOD_OFFSET_x − 1 (if INTEG_WIDTH =
MOD_WIDTH − 1) or MOD_OFFSET_x – 2 (if INTEG_WIDTH = MOD_WIDTH − 2)
and then sweep INTEG_OFFSET_x, Bits[4:0] in 31.25 ns steps to find optimal
operating point.
0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per ADC conversion.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats. SNR increases as √n, where n =
NUM_REPEAT_x × NUM_INT_x.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0x0 for continuous TIA connection.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com