Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 3 Page - Analog Devices

  ADPD4101 Datasheet HTML 1Page - Analog Devices ADPD4101 Datasheet HTML 2Page - Analog Devices ADPD4101 Datasheet HTML 3Page - Analog Devices ADPD4101 Datasheet HTML 4Page - Analog Devices ADPD4101 Datasheet HTML 5Page - Analog Devices ADPD4101 Datasheet HTML 6Page - Analog Devices ADPD4101 Datasheet HTML 7Page - Analog Devices ADPD4101 Datasheet HTML 8Page - Analog Devices ADPD4101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 3 of 101
SPECIFICATIONS
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Operating Conditions
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−40
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE
Supply, VDD
Applied at the AVDD, DVDD1, and DVDD2 pins
1.7
1.8
1.9
V
Input/Output Driver Supply, IOVDD
Applied at the IOVDD pin
1.7
1.8
3.6
V
AVDD = DVDDx = IOVDD = 1.8 V, TA = 25°C, unless otherwise noted.
Table 2. Current Consumption
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY (VDD)
CURRENT
VDD Supply Current1
Signal-to-noise ratio (SNR) = 75 dB, 25 Hz output data rate (ODR),
single time slot, 1 MHz low frequency oscillator frequency
10
µA
SNR = 75 dB, 25 Hz ODR, single time slot, 32 kHz low frequency
oscillator frequency
8
µA
Total System Power
Dissipation
Combined LED and AFE power, continuous PPG measurement at
75 dB SNR, 25 Hz ODR, 100 nA/mA current transfer ratio (CTR),
1 MHz low frequency oscillator frequency
30
μW
Combined LED and AFE power, continuous PPG measurement at
75 dB SNR, 25 Hz ODR, 100 nA/mA CTR, 32 kHz low frequency
oscillator frequency
26
μW
Peak VDD Supply Current
(1.8 V)
1-Channel Operation
IVDD_PEAK
Peak VDD current during time slot sampling
3.8
mA
Standby Mode Current
IVDD_STANDBY
0.20
µA
1
VDD is the voltage applied at the AVDD and DVDDx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com