Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4101 Datasheet(PDF) 76 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 72Page - Analog Devices ADPD4101 Datasheet HTML 73Page - Analog Devices ADPD4101 Datasheet HTML 74Page - Analog Devices ADPD4101 Datasheet HTML 75Page - Analog Devices ADPD4101 Datasheet HTML 76Page - Analog Devices ADPD4101 Datasheet HTML 77Page - Analog Devices ADPD4101 Datasheet HTML 78Page - Analog Devices ADPD4101 Datasheet HTML 79Page - Analog Devices ADPD4101 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 76 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access1
2
INT_TCLN2_C
Time Slot C Channel 2 ceiling detection interrupt status.
This bit is set during a data register update when
Channel 2 exceeds the threshold level during Time Slot C.
0x0
R/W1C
1
INT_TCLN2_B
Time Slot B Channel 2 ceiling detection interrupt status.
This bit is set during a data register update when
Channel 2 exceeds the threshold level during Time Slot B.
0x0
R/W1C
0
INT_TCLN2_A
Time Slot A Channel 2 ceiling detection interrupt status.
This bit is set during a data register update when
Channel 2 exceeds the threshold level during Time Slot A.
0x0
R/W1C
0x0007 INT_ACLEAR
15
INT_ACLEAR_FIFO
FIFO threshold interrupt autoclear enable. Set this bit to
enable automatic clearing of the FIFO_TH interrupt each
time the FIFO is read.
0x1
R/W
[14:12] Reserved
Reserved.
0x0
R
11
INT_ACLEAR_DATA_L
Time Slot L interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_L interrupt
each time the Time Slot L data registers are read.
0x1
R/W
10
INT_ACLEAR_DATA_K
Time Slot K interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_K interrupt
each time the Time Slot K data registers are read.
0x1
R/W
9
INT_ACLEAR_DATA_J
Time Slot J interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_J interrupt
each time the Time Slot J data registers are read.
0x1
R/W
8
INT_ACLEAR_DATA_I
Time Slot I interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_I interrupt
each time the Time Slot I data registers are read.
0x1
R/W
7
INT_ACLEAR_DATA_H
Time Slot H interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_H interrupt
each time the Time Slot H data registers are read.
0x1
R/W
6
INT_ACLEAR_DATA_G
Time Slot G interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_G interrupt
each time the Time Slot G data registers are read.
0x1
R/W
5
INT_ACLEAR_DATA_F
Time Slot F interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_F interrupt
each time the Time Slot F data registers are read.
0x1
R/W
4
INT_ACLEAR_DATA_E
Time Slot E interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_E interrupt
each time the Time Slot E data register is read.
0x1
R/W
3
INT_ACLEAR_DATA_D
Time Slot D interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_D interrupt
each time the Time Slot D data registers are read.
0x1
R/W
2
INT_ACLEAR_DATA_C
Time Slot C interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_C interrupt
each time the Time Slot C data registers are read.
0x1
R/W
1
INT_ACLEAR_DATA_B
Time Slot B interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_B interrupt
each time the Time Slot B data registers are read.
0x1
R/W
0
INT_ACLEAR_DATA_A
Time Slot A interrupt autoclear enable. Set this bit to
enable automatic clearing of the INT_DATA_A interrupt
each time the Time Slot A data registers are read.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com