Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 23Page - Analog Devices ADRF6755ACPZ Datasheet HTML 24Page - Analog Devices ADRF6755ACPZ Datasheet HTML 25Page - Analog Devices ADRF6755ACPZ Datasheet HTML 26Page - Analog Devices ADRF6755ACPZ Datasheet HTML 27Page - Analog Devices ADRF6755ACPZ Datasheet HTML 28Page - Analog Devices ADRF6755ACPZ Datasheet HTML 29Page - Analog Devices ADRF6755ACPZ Datasheet HTML 30Page - Analog Devices ADRF6755ACPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 27 of 48
SPI INTERFACE
The ADRF6755 also supports the SPI protocol. The part powers
up in I2C mode but is not locked in this mode. To stay in I2C
mode, it is recommended that the user tie the CS line to either
3.3 V or GND, thus disabling SPI mode. It is not possible to lock
the I2C mode, but it is possible to select and lock the SPI mode.
To select and lock the SPI mode, three pulses must be sent to the
CS pin, as shown in Figure 67. When the SPI protocol is locked
in, it cannot be unlocked while the device is still powered up. To
reset the serial interface, the part must be powered down and
powered up again.
Serial Interface Selection
The CS pin controls selection of the I2C or SPI interface.
Figure 67 shows the selection process that is required to lock
the SPI mode. To communicate with the part using the SPI
protocol, three pulses must be sent to the CS pin. On the third
rising edge, the part selects and locks the SPI protocol. Consistent
with most SPI standards, the CS pin must be held low during all
SPI communication to the part and held high at all other times.
SPI Serial Interface Functionality
The SPI serial interface of the ADRF6755 consists of the CS,
SDI (SDI/SDA), CLK (CLK/SCL), and SDO pins. CS is used to
select the device when more than one device is connected to the
serial clock and data lines. CLK is used to clock data in and out
of the part. The SDI pin is used to write to the registers. The
SDO pin is a dedicated output for the read mode. The part operates
in slave mode and requires an externally applied serial clock to
the CLK pin. The serial interface is designed to allow the part to be
interfaced to systems that provide a serial clock that is synchronized
to the serial data.
Figure 68 shows an example of a write operation to the
ADRF6755. Data is clocked into the registers on the rising edge
of CLK using a 24-bit write command. The first eight bits
represent the write command, 0xD4; the next eight bits are the
register address; and the final eight bits are the data to be written
to the specific register. Figure 69 shows an example of a read
operation. In this example, a shortened 16-bit write command is
first used to select the appropriate register for a read operation,
the first eight bits representing the write command, 0xD4, and
the final eight bits representing the specific register. Then the
CS line is pulsed low for a second time to retrieve data from the
selected register using a 16-bit read command, the first eight
bits representing the read command, 0xD5, and the final eight
bits representing the contents of the register being read. Figure 3
shows the timing for both SPI read and SPI write operations.
Figure 67. Selecting the SPI Protocol
SPI LOCKED ON
THIRD RISING EDGE
SPI FRAMING
EDGE
C
B
A
SPI LOCKED ON
THIRD RISING EDGE
SPI FRAMING
EDGE
C
B
A
CS
(STARTING
HIGH)
CS
(STARTING
LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com