Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 26Page - Analog Devices ADRF6755ACPZ Datasheet HTML 27Page - Analog Devices ADRF6755ACPZ Datasheet HTML 28Page - Analog Devices ADRF6755ACPZ Datasheet HTML 29Page - Analog Devices ADRF6755ACPZ Datasheet HTML 30Page - Analog Devices ADRF6755ACPZ Datasheet HTML 31Page - Analog Devices ADRF6755ACPZ Datasheet HTML 32Page - Analog Devices ADRF6755ACPZ Datasheet HTML 33Page - Analog Devices ADRF6755ACPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 30 of 48
Lock Detect (LDET)
Lock detect is enabled by setting Register CR23, Bit 4, to 1. The
lock detect circuit is based on monitoring the up/down pulses
from the PFD. As acquisition proceeds, the width of these
pulses reduces until they are less than a target width (set by
CR23[2]). At this point, a count of the number of successive
PFD cycles is initiated, where the width of the up/down pulses
remains less that the target width. When this count reaches a
target count (set by CR13[6] and CR23[3]), LDET is set. The
truth table for declaring LDET is given in Table 7.
Table 7. Declaring LDET
LDCount1
CR13[6]
LDCount0
CR23[3]
Number of PFD Cycles to
Declare LDET
0
0
2048
0
1
3072
1
0
4096
1
1
16,384
The appropriate setting to use depends on the PFD frequency as
well as the desired accuracy when LDET is declared. The LDET
setting does not affect the acquisition time of the PLL. It only
affects the time at which LDET goes high.
VCO Autocalibration
The VCO uses an autocalibration technique to select the correct
VCO and band, as explained in the Autocalibration section.
Register CR24, Bit 0, controls whether the autocalibration is
enabled. For normal operation, autocalibration must be enabled.
However, if using cumulative frequency steps of 100 kHz/2RFDIV
or less, autocalibration can be disabled by setting this bit to 1
and then a new acquisition is initiated by writing to Register CR0.
Attenuator
The attenuator can be programmed from 0 dB to 47 dB in steps
of 1 dB. Control is through Register CR30, Bits[5:0].
Revision Readback
The revision of the silicon die can be read back via Register CR33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com