Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 2 Page - Analog Devices

  ADRF6755ACPZ Datasheet HTML 1Page - Analog Devices ADRF6755ACPZ Datasheet HTML 2Page - Analog Devices ADRF6755ACPZ Datasheet HTML 3Page - Analog Devices ADRF6755ACPZ Datasheet HTML 4Page - Analog Devices ADRF6755ACPZ Datasheet HTML 5Page - Analog Devices ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 2 of 48
TABLE OF CONTENTS
Features .............................................................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 8
Absolute Maximum Ratings.......................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 13
Theory of Operation ...................................................................... 21
Overview...................................................................................... 21
PLL Synthesizer and VCO......................................................... 21
Quadrature Modulator .............................................................. 24
Attenuator.................................................................................... 25
Voltage Regulator ....................................................................... 25
I2C Interface ................................................................................ 25
SPI Interface................................................................................ 27
Program Modes .......................................................................... 29
Register Map ................................................................................... 31
Register Map Summary............................................................. 31
Register Bit Descriptions........................................................... 32
Suggested Power-Up Sequence..................................................... 35
Initial Register Write Sequence ................................................ 35
Evaluation Board ............................................................................ 37
General Description................................................................... 37
Hardware Description ............................................................... 37
PCB Artwork............................................................................... 41
Bill of Materials........................................................................... 44
Outline Dimensions....................................................................... 45
Ordering Guide .......................................................................... 45
REVISION HISTORY
4/13—Rev. A to Rev. B
Changes to Ordering Guide .......................................................... 45
11/12—Rev. 0 to Rev. A
Changes to Figure 1.......................................................................... 1
Changes to Input Frequency Parameter, Table 1.......................... 6
Changes to Bit 7 Description, Table 27 and Bit 6 Description,
Table 27 ............................................................................................ 34
Changed 0x00 to 0x60 in Step 13 ................................................. 35
Updated Outline Dimensions....................................................... 45
Changes to Ordering Guide .......................................................... 45
7/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com