Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 32Page - Analog Devices ADRF6755ACPZ Datasheet HTML 33Page - Analog Devices ADRF6755ACPZ Datasheet HTML 34Page - Analog Devices ADRF6755ACPZ Datasheet HTML 35Page - Analog Devices ADRF6755ACPZ Datasheet HTML 36Page - Analog Devices ADRF6755ACPZ Datasheet HTML 37Page - Analog Devices ADRF6755ACPZ Datasheet HTML 38Page - Analog Devices ADRF6755ACPZ Datasheet HTML 39Page - Analog Devices ADRF6755ACPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 36 of 48
To change the LO frequency to 925 MHz,
•
fPFD = 40 MHz (assumed)
•
Divide ratio N = 46.25; therefore, INT = 46 decimal and
FRAC = 8,388,608
•
RFDIVIDER = divide-by-2. See Table 6.
Register CR28[2:0] = 001
Register CR27[4] = 0
The INT registers contain the following values:
Register CR7 = 0x00 and Register CR6 = 0x2E
The FRAC registers contain the following values:
Register CR3 = 0x04, Register CR2 = 0x80,
Register CR1 = 0x00, and Register CR0 = 0x00
Note that Register CR27 should be the last write in this
sequence, preceded by CR0. Writing to Register CR0 causes all
double-buffered registers to be updated, including the INT,
FRAC, and RFDIV registers, and starts a new PLL acquisition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com